Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1671 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 2 Page - Semtech Corporation

  GS1671 Datasheet HTML 1Page - Semtech Corporation GS1671 Datasheet HTML 2Page - Semtech Corporation GS1671 Datasheet HTML 3Page - Semtech Corporation GS1671 Datasheet HTML 4Page - Semtech Corporation GS1671 Datasheet HTML 5Page - Semtech Corporation GS1671 Datasheet HTML 6Page - Semtech Corporation GS1671 Datasheet HTML 7Page - Semtech Corporation GS1671 Datasheet HTML 8Page - Semtech Corporation GS1671 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
2 of 130
Description
The GS1671 is a multi-rate SDI integrated Receiver which
includes complete SMPTE processing, as per SMPTE 292M
and SMPTE 259M-C. The SMPTE processing features can be
bypassed to support signals with other coding schemes.
The GS1671 integrates Gennum's adaptive cable equalizer
technology, achieving unprecedented cable lengths and
jitter tolerance. It features DC restoration to compensate for
the DC content of SMPTE pathological signals.
The device features an Integrated Reclocker with an
internal VCO and a wide Input Jitter Tolerance (IJT) of 0.7UI.
A serial digital loop-through output is provided, which can
be configured to output either reclocked or non-reclocked
serial digital data. The serial digital output can be connected
to an external cable driver.
The device operates in one of four basic modes: SMPTE
mode, DVB-ASI mode, Data-Through mode or Standby
mode.
In SMPTE mode (the default operating mode), the GS1671
performs full SMPTE processing, and features a number of
data integrity checks and measurement capabilities.
The device also supports ancillary data extraction, and can
provide entire ancillary data packets through
host-accessible registers. It also provides a variety of other
packet detection and error handling features. All of these
processing features are optional, and may be individually
enabled or disabled through register programming.
In DVB-ASI mode, sync word detection, alignment and
8b/10b decoding is applied to the received data stream.
In Data-Through mode all forms of SMPTE and DVB-ASI
processing are disabled, and the device can be used as a
simple serial to parallel converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal processing is carried out and
the parallel output is held static.
Parallel data outputs are provided in 20-bit or 10-bit format
for HD and SD video rates, with a variety of mapping
options. As such, this parallel bus can interface directly with
video processor ICs, and output data can be multiplexed
onto 10 bits for a low pin count interface.
Up to eight channels (two audio groups) of serial digital
audio may be extracted from the video data stream, in
accordance with SMPTE 272M-C and SMPTE 299M.
The output audio formats supported by the device include
AES/EBU and I2S, and two other industry standard serial
digital formats. A variety of audio processing features are
provided to ease implementation. Audio clocks are
internally generated and provided by the device.
Application: Multi-format Audio De-embedder Module
PCLK
10-bit
GS1662
DAC
Switch
Logic
&
Drivers
Analog
Audio
Outputs
AES
Audio
Outputs
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
Audio Clocks
SD/HD-SDI
GS1671
SD/HD-SDI
Application: Multi-format Digital VTR/Video Server
Storage:
Tape/HDD/Solid State
Audio
Processor
Video
Processor
10-bit
HV F/P CLK
Audio Outputs
V ideo Output
Audio Clocks
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
SD/HD-SDI
GS1671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com