Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F521 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F521
Description  8-Bit Identity Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F521 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54F521 Datasheet HTML 1Page - National Semiconductor (TI) 54F521 Datasheet HTML 2Page - National Semiconductor (TI) 54F521 Datasheet HTML 3Page - National Semiconductor (TI) 54F521 Datasheet HTML 4Page - National Semiconductor (TI) 54F521 Datasheet HTML 5Page - National Semiconductor (TI) 54F521 Datasheet HTML 6Page - National Semiconductor (TI) 54F521 Datasheet HTML 7Page - National Semiconductor (TI) 54F521 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
30
70
100
30
140
30
110
ns
tPHL
An or Bn to OAeB
45
70
100
40
150
40
110
tPLH
Propagation Delay
30
50
65
30
85
30
75
ns
tPHL
IAeB to OAeB
35
65
90
35
135
35
100
Applications
Ripple Expansion
TLF9545 – 6
Parallel Expansion
TLF9545 – 7
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
521
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reel
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
NOTE
S e Small Outline SOIC JEDEC
Not required for MSA package code
SJ e Small Outline SOIC EIAJ
MSA e Shrink Small Outline (EIAJ SSOP)
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com