Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F521 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F521
Description  8-Bit Identity Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F521 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F521 Datasheet HTML 1Page - National Semiconductor (TI) 54F521 Datasheet HTML 2Page - National Semiconductor (TI) 54F521 Datasheet HTML 3Page - National Semiconductor (TI) 54F521 Datasheet HTML 4Page - National Semiconductor (TI) 54F521 Datasheet HTML 5Page - National Semiconductor (TI) 54F521 Datasheet HTML 6Page - National Semiconductor (TI) 54F521 Datasheet HTML 7Page - National Semiconductor (TI) 54F521 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9545
May 1995
54F74F521
8-Bit Identity Comparator
General Description
The ’F521 is an expandable 8-bit comparator It compares
two words of up to eight bits each and provides a LOW
output when the two words match bit for bit The expansion
input IAeB also serves as an active LOW enable input
Features
Y
Compares two 8-bit words in 65 ns typ
Y
Expandable to any word length
Y
20-pin package
Commercial
Military
Package
Package Description
Number
74F521PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F521DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F521SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F521SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
74F521MSA (Note 1)
MSA20
20-Lead Molded Shrink Small Outline EIAJ type II
Note 1
Devices also available in 13
reel Use suffix e SCX SJX and MSAX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB
Logic Symbols
TLF9545 – 1
IEEEIEC
TLF9545 – 4
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 54F521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F533 NSC-54F533 Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DCQB NSC-54F533DCQB Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DCX NSC-54F533DCX Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DMQB NSC-54F533DMQB Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54F521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
8-Bit Identity Comparator
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
8-Bit Identity Comparator
54FCT521 NSC-54FCT521 Datasheet
187Kb / 8P
8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
8-Bit Identity Comparator
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
8-Bit Identity Comparator
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
8-Bit Identity Comparator
74AC520 FAIRCHILD-74AC520_07 Datasheet
282Kb / 11P
8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
8-Bit Identity Comparator
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
8-BIT IDENTITY COMPARATOR
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
8-BIT IDENTITY COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com