Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F521 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F521
Description  8-Bit Identity Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F521 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F521 Datasheet HTML 1Page - National Semiconductor (TI) 54F521 Datasheet HTML 2Page - National Semiconductor (TI) 54F521 Datasheet HTML 3Page - National Semiconductor (TI) 54F521 Datasheet HTML 4Page - National Semiconductor (TI) 54F521 Datasheet HTML 5Page - National Semiconductor (TI) 54F521 Datasheet HTML 6Page - National Semiconductor (TI) 54F521 Datasheet HTML 7Page - National Semiconductor (TI) 54F521 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
A0–A7
Word A Inputs
1010
20 mA b06 mA
B0–B7
Word B Inputs
1010
20 mA b06 mA
IAeB
Expansion or Enable Input (Active LOW)
1010
20 mA b06 mA
OAeB
Identity Output (Active LOW)
50333
b
1 mA20 mA
Truth Table
Inputs
Output
IA e B
A B
OA e B
LA e B
L
LA i BH
HA e B
H
HA i BH
H e HIGH Voltage Level
L e LOW Voltage Level
A0 e B0 A1 e B1 A2 e B2 etc
Connection Diagrams
Pin Assignment for DIP
SOIC SSOP and Flatpak
TLF9545 – 2
Pin Assignment
for LCC
TLF9545 – 3
Logic Diagram
TLF9545 – 5
Please note that this diagram is provided only for the understanding of logic operations and should not be
used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com