Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC286 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC286
Description  Dual Channel 4A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC286 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC286 Datasheet HTML 8Page - Semtech Corporation SC286 Datasheet HTML 9Page - Semtech Corporation SC286 Datasheet HTML 10Page - Semtech Corporation SC286 Datasheet HTML 11Page - Semtech Corporation SC286 Datasheet HTML 12Page - Semtech Corporation SC286 Datasheet HTML 13Page - Semtech Corporation SC286 Datasheet HTML 14Page - Semtech Corporation SC286 Datasheet HTML 15Page - Semtech Corporation SC286 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SC286
Typical Characteristics (continued)
Circuit Conditions: C
IN = 22µF/6.3V, COUT = 2 x 22µF/6.3V, CSS = 10nF. Unless otherwise noted, L = 1.0µH (TOKO: FDV0530S-1R0), each device
Transient Response (V
OUT=1.5V, ISTEP=3A)
V
IN = 5V; IOUT = 0A to 3A to 0A
Transient Response (V
OUT=3.3V, ISTEP=3A)
V
OUT = 5V; IOUT = 0A to 3A to 0A
Time (400ms/div)
s/div)
/div)
V
OUT (200mV/div)
I
OUT (2A/div)
VID Transition — No Load
V
IN = 5V; VOUT = 1.5V to 1.8V to 1.5V
VID Transition — Full Load
V
OUT (200mV/div)
I
OUT (2A/div)
Time (100ms/div)
s/div)
/div)
V
IN = 5V; VOUT = 1.5V to 1.8V to 1.5V
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com