Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC286 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC286
Description  Dual Channel 4A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC286 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC286 Datasheet HTML 10Page - Semtech Corporation SC286 Datasheet HTML 11Page - Semtech Corporation SC286 Datasheet HTML 12Page - Semtech Corporation SC286 Datasheet HTML 13Page - Semtech Corporation SC286 Datasheet HTML 14Page - Semtech Corporation SC286 Datasheet HTML 15Page - Semtech Corporation SC286 Datasheet HTML 16Page - Semtech Corporation SC286 Datasheet HTML 17Page - Semtech Corporation SC286 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SC286
Applications Information (continued)
Under this condition, the output voltage will be the product
of I
CL_HOLD and the load resistance. When the load presented
falls below the current limit holding level, the output will
charge to the upper PSAVE voltage threshold and return to
normal operation. The SC286 is capable of sustaining an
indefinite short circuit without damage. During soft start, if
current limit has occurred before the SS voltage has reached
400mV, the part enters foldback current limit mode.
Foldback current limit mode will be disabled during soft-
start after the SS voltage is higher than 400mV.
Over-Voltage Protection
In the event of a 15% over-voltage on each independent
output, the PWM drive is disabled with the LX pin floating.
Switching does not resume until the output voltage falls
below the nominal V
OUT regulation voltage.
Programmable Output Voltage
The SC286 has fifteen pre-determined output voltage
values which can be individually selected for each channel
by programming the CTL input pins (see Table 1 — Output
Voltage Settings). Each CTL pin has an active 500kΩ internal
pull-down resistor. The 500kΩ resistor is switched in circuit
whenever the CTL input voltage is below the input thresh-
old, or when the part is in under voltage lockout. It is
recommended to tie all high CTL pins together and use an
external pull-up resistor to AVIN if there is no enable signal
or if the enable input is an open drain/collector signal. The
CTL pins may be driven by a microprocessor to allow
dynamic voltage adjustment for systems that reduce the
supply voltage when entering sleep states. Avoid all zeros
being present on the CTL pins when changing program-
mable output voltages as this would disable the device.
SC286 is also capable of regulating a different (higher)
output voltage, which is not shown in the Table 1, via an
external resistor divider for each channel. There will be a
typical 2μA current flowing into the VOUTA/B pin. The
typical schematic for an adjustable output voltage option
from the standard 1.0V with CTL
XA/B = [0010], is shown in
Figure 2. RFB1A/B and RFB2A/B are used to adjust the
desired output voltage. If the RFB2A/B current is such that
the 2μA VOUTA/B pin current can be ignored, then RFB1A/
B can be found using the next equation. RFB2A/B needs to
be low enough in value for the current through the resis-
tor chain to be at least 20μA in order to ignore theVOUTA/B
pin current.
SC286
AVINA
VINA
CAVINA
0.1µF
RAVINA1Ω
PVINA
AVINB
VINB
CAVINB
0.1µF
RAVINB1Ω
PVINB
PGOODB
PGOODA
CINA
22µF
CINB
22µF
RPGOODA
100kΩ
RPGOODA
100kΩ
CTL0B
CTL1B
CTL2B
CTL3B
Enable B
CTL0A
CTL1A
CTL2A
CTL3A
Enable A
PGNDA
AGNDA
PGNDB
AGNDB
SSA
SSB
CSS
1nF
CSS
1nF
VOUTA
COUTA
LXA
VOUTA
L
RFB2A
10kΩ
CFFA
RFB1A
RFB1A = (VOUTA-1)
x RFB2A
for CTLAX = 0010
(1.0V)
VOUTB
COUTB
LXB
VOUTB
L
RFB2B
10kΩ
CFFB
RFB1B
RFB1B = (VOUTB-1)
x RFB2B
for CTLBX = 0010
(1.0V)
Figure 2 — Output Voltage Programming
2
FB
OSTD
OSTD
OUT
1
FB
R
V
V
V
R
where V
OSTD is the pre-determined output voltage via the
CTL pins.
C
FF is needed to maintain good transient response perfor-
mance. The correct value of C
FF can be found using the
following equation.
)
5
.
0
V
V
(
V
V
]
k
[
R
5
.
0
V
5
.
2
]
nF
[
C
OSTD
OSTD
OSTD
OUT
1
FB
2
OUT
FF
To simplify the design, it is recommended to program the
desired output voltage from a standard 1.0V as shown in
Figure 2 with a proper C
FF calculated from Equation 2. For
programming the output voltage from other standard
voltages, R
FB1, RFB2 and CFF need to be adjusted to conform
to the previous equations.
Maximum Power Dissipation
Each channel of SC286 has its own Θ
JA of 32.5°C/W when
only one channel is in operation. Since both channels
are within the same package, there is about 50% of the
heat generated which will be transferred to the adjacent
channel. The equivalent total thermal impedance will be
higher when the neighboring channel is also in operation.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com