Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC286 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC286
Description  Dual Channel 4A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC286 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC286 Datasheet HTML 11Page - Semtech Corporation SC286 Datasheet HTML 12Page - Semtech Corporation SC286 Datasheet HTML 13Page - Semtech Corporation SC286 Datasheet HTML 14Page - Semtech Corporation SC286 Datasheet HTML 15Page - Semtech Corporation SC286 Datasheet HTML 16Page - Semtech Corporation SC286 Datasheet HTML 17Page - Semtech Corporation SC286 Datasheet HTML 18Page - Semtech Corporation SC286 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SC286
To guarantee an operating junction temperature of less
than 125°C, Figure 3 shows the maximum allowable total
power loss versus temperature. The curve is based upon
the junction temperature of either channel reaching a
maximum of 125°C. Each channel of SC286 can support
up to 4A load current. Figure 4 shows the maximum
allowable power loss in channel B versus power loss in
channel A for a range of temperatures.
Ambient Temperature (°C)
2
2.5
3
3.5
4
4.5
25
35
45
55
65
75
85
95
105
VIN = 5V; VOUT = 1.2V
VIN = 5V; VOUT = 3.3V
VIN = 3.3V; VOUT = 1.2V
Figure 3 — Maximum allowable total loss versus
temperature for a maximum junction temperature of
125°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Power Loss of Channel A (W)
TA = 55°C
TA = 25°C
TA = 70°C
TA = 85°C
Figure 4 — Maximum allowable power loss in channel
B versus power loss in channel A for a range of
temperatures (both channels same current)
Applications Information (continued)
Shut Down
When all CTL pins for a channel are low, the device will run
in shutdown mode, drawing less than 1μA from the input
power supply. The internal switches and band-gap voltage
will be immediately turned off.
Thermal Shutdown
The device has an independent thermal shutdown feature
for each channel to protect the SC286 if the junction tem-
perature exceeds 160°C. During thermal shutdown, the
on-chip power devices are disabled, floating the LX
output. When the temperature drops by 10°C, it will initi-
ate a soft start cycle to resume normal operation.
Under-Voltage Lockout
Under-Voltage Lockout (UVLO) is enabled when the input
voltage for each channel drops below the UVLO threshold.
This prevents the device from entering an ambiguous
state in which regulation cannot be maintained. Hysteresis
of approximately 300mV is included to prevent chattering
near the threshold. When the AVIN voltage rises back to
the turn-on threshold and CTL
X is high, the soft-start mode
is initiated.
Power Good
The power good (PGOOD) for each channel is an open-
drain output. When the output voltage for each channel
drops below 10% of the nominal voltage, the PGOOD pin
for that channel is pulled low after a 20μs delay. During
start-up, PGOOD will be asserted 1.8ms (typ.) after the
output voltage reaches 90% of the final regulation voltage.
The faults of over voltage, fold-back current limit mode
and thermal shutdown will force PGOOD low after a 20µs
delay. When recovering from a fault, PGOOD will be
asserted 2ms (typ.) after Vout reaches 90% of the final
regulation voltage.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com