Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4923 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4923 Datasheet HTML 1Page - Infineon Technologies AG TLE4923 Datasheet HTML 2Page - Infineon Technologies AG TLE4923 Datasheet HTML 3Page - Infineon Technologies AG TLE4923 Datasheet HTML 4Page - Infineon Technologies AG TLE4923 Datasheet HTML 5Page - Infineon Technologies AG TLE4923 Datasheet HTML 6Page - Infineon Technologies AG TLE4923 Datasheet HTML 7Page - Infineon Technologies AG TLE4923 Datasheet HTML 8Page - Infineon Technologies AG TLE4923 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TLE 4923
Data Sheet
5
2000-07-01
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Note: Unless otherwise noted, all temperatures refer to junction temperature.
In the operating range the functions given in the circuit description are fulfilled.
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
S
– 18
1)
24
V
Capacitor voltage
V
C
– 0.3
3
V
Junction temperature
Junction temperature
Junction temperature
Junction temperature
T
j
T
j
T
j
T
j
150
160
170
190
°C
°C
°C
°C
5000 h
2500 h
500 h
4h
Storage temperature
T
S
– 40
150
°C
Thermal resistance
R
th JA
190
K/W
2)
1)
Reverse current drawn by the device < 10 mA
2)
Can be reduced significantly by further packaging process, e. g. overmolding.
The device is ESD protected up to 2 kV (HL test procedure)
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
S
4.5
18
V
Junction temperature
T
j
– 40
190
°C
Pre-induction
B
0
– 500
500
mT
At Hall probe;
independent of
magnet
orientation
Differential induction
∆B
– 40
40
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com