Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4923 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4923 Datasheet HTML 2Page - Infineon Technologies AG TLE4923 Datasheet HTML 3Page - Infineon Technologies AG TLE4923 Datasheet HTML 4Page - Infineon Technologies AG TLE4923 Datasheet HTML 5Page - Infineon Technologies AG TLE4923 Datasheet HTML 6Page - Infineon Technologies AG TLE4923 Datasheet HTML 7Page - Infineon Technologies AG TLE4923 Datasheet HTML 8Page - Infineon Technologies AG TLE4923 Datasheet HTML 9Page - Infineon Technologies AG TLE4923 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TLE 4923
Data Sheet
6
2000-07-01
AC/DC Characteristics
The device characteristics listed below are guaranteed in the full operating range.
Parameter
Symbol
Limit Values
Unit
Test Condition Test
Circuit
min. typ.
max.
Supply current
I
S
3.1
8.1
4.1
10.5
5.3
13.6
mA
mA
1
1
Supply current
difference
I
son - Isoff
5.0
6.4
8.3
mA
1
Supply current ratio
I
SON /
I
SOFF
2
2.4
3
1
Center of switching
points:
(
∆B
OP + ∆BRP) / 2
∆B
m
– 0.5 0
0.5
mT
∆B = 2.0 mT,
f = 200 Hz,
– 40
°C< T
j ≤
150
°C 1) 2)
2
Center of switching
points:
(
∆B
OP + ∆BRP) / 2
∆B
m
– 0.7 0
0.7
mT
∆B = 2.0 mT,
f = 200 Hz,
150
°C< T
j <
190
°C 1) 2)
2
Hysteresis
∆B
hy
1
1.5
2.2
mT
∆B = 2.0 mT,
f = 200 Hz
3)
2
Current rise time
t
r
0.5
µs2
Current fall time
t
f
0.5
µs2
Delay time
4)
t
dop
t
drp
t
dop - tdrp
25
10
15
µs
µs
µs
f = 10 kHz,
∆B = 5 mT
2
Filter input resistance
R
C
35
43
52
k
Ω
25
°C ± 2 °C1
Filter sensitivity to
∆BS
C
8.5
mV/
mT
25
°C ± 2 °C1
Filter bias voltage
V
C
1.6
2.0
2.4
V
∆B = 0
1
Frequency
f
5)
10000 Hz
∆B = 5 mT
2
Resistivity against
mechanical stress
(piezo)
6)
∆B
m
∆B
Hy
– 0.1
– 0.1
0.1
0.1
mT
mT
F = 2 N
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com