Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4923 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4923 Datasheet HTML 10Page - Infineon Technologies AG TLE4923 Datasheet HTML 11Page - Infineon Technologies AG TLE4923 Datasheet HTML 12Page - Infineon Technologies AG TLE4923 Datasheet HTML 13Page - Infineon Technologies AG TLE4923 Datasheet HTML 14Page - Infineon Technologies AG TLE4923 Datasheet HTML 15Page - Infineon Technologies AG TLE4923 Datasheet HTML 16Page - Infineon Technologies AG TLE4923 Datasheet HTML 17Page - Infineon Technologies AG TLE4923 Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TLE 4923
Data Sheet
14
2000-07-01
Supply Current and Supply Current
Difference versus Supply Voltage
Supply Current and Supply Current
Difference versus Temperature
Minimum Switching Field versus
Frequency
Mean Value of Switching Induction
If not otherwise specified, all curves reflect typical values at
T
j = 25 °C and
V
S =12V.
0
AED02473
2
4
6
8
10
12
10
5
0
V
15
25
V S
20
mA
S
Ι
SON
Ι
SON
Ι
SOFF
Ι
SOFF
Ι
0
AED02474
12
40
0
-40
C
80
200
T j
120
mA
2
4
6
8
10
SOFF
SOFF
Ι
SON
ΙΙ
SON
Ι
Ι
S
0
AED02475
1.2
10
1
Hz
100
10000
f
mT
0.2
0.4
0.6
0.8
1.0
1000
T j = 25 C
min
B
= 190 C
j
T
= 150 C
T j
= -40 C
j
T
0
AED02476
1.2
40
0
-40
C
80
200
T j
120
mT
0.2
0.4
0.6
0.8
1.0
m
typ
B
∆
∆
m
B
OP
B
∆
RP
∆B
2
f
=
= 200 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com