Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4941
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4941 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4941 Datasheet HTML 1Page - Infineon Technologies AG TLE4941 Datasheet HTML 2Page - Infineon Technologies AG TLE4941 Datasheet HTML 3Page - Infineon Technologies AG TLE4941 Datasheet HTML 4Page - Infineon Technologies AG TLE4941 Datasheet HTML 5Page - Infineon Technologies AG TLE4941 Datasheet HTML 6Page - Infineon Technologies AG TLE4941 Datasheet HTML 7Page - Infineon Technologies AG TLE4941 Datasheet HTML 8Page - Infineon Technologies AG TLE4941 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLE4941, TLE4941C
TLE4941 - TLE 4941C Data Sheet
Febrary 2002
4
Absolute Maximum Ratings
Tj = -40 to 150°C, 4.5V
≤ V
cc
≤ 16.5V
Limit values
Unit
Remarks
Parameter
Symbol
Min
Max
Supply voltage
Vcc
-0.3
Tj < 80°C
Supply voltage
Vcc
16.5
V
Tj = 170°C
Supply voltage
Vcc
20
V
Tj = 150°C
Supply voltage
Vcc
22
V
t = 10 * 5 min
Supply voltage
Vcc
24
V
t = 10 * 5 min, RM
≤ 75Ω
Supply voltage
Vcc
27
V
t = 400 ms, RM
≤ 75Ω
Reverse polarity
current
Irev
200
mA
External current limitation
required, t < 4h
Junction temperature
Junction temperature
Junction temperature
Junction temperature
Tj
Tj
Tj
Tj
150
160
170
190
°C
°C
°C
°C
5000 h, Vcc < 16.5V
2500 h, Vcc < 16.5V
500 h,
Vcc < 16.5V
4 h,
Vcc < 16.5V
Active lifetime
tB,active
10000
h
Storage Temperature
Ts
-40
150
°C
Thermal Resistance
PSSO2-1
RthJA
190
K/W
1)
ESD
UESD
±2
kV
According to standard
EIA/JESD22-A114-B
HBM
2)
R=1500
Ω, C=100pF
1) can be improved significantly by further processing like overmolding
2) covers MIL STD 883D
Note: Stresses in excess of those listed here may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com