Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4941
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4941 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4941 Datasheet HTML 2Page - Infineon Technologies AG TLE4941 Datasheet HTML 3Page - Infineon Technologies AG TLE4941 Datasheet HTML 4Page - Infineon Technologies AG TLE4941 Datasheet HTML 5Page - Infineon Technologies AG TLE4941 Datasheet HTML 6Page - Infineon Technologies AG TLE4941 Datasheet HTML 7Page - Infineon Technologies AG TLE4941 Datasheet HTML 8Page - Infineon Technologies AG TLE4941 Datasheet HTML 9Page - Infineon Technologies AG TLE4941 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TLE4941, TLE4941C
TLE4941 - TLE 4941C Data Sheet
Febrary 2002
6
AC/DC Characteristics
All values specified at constant amplitude and offset of input signal
Limit values
Unit
Parameter
Symbol
Min
Typ
Max
Remarks
Supply current
ILow
5.9
7
8.4
mA
Supply current
IHigh
11.8
14
16.8
mA
Supply current ratio
IHigh/ILow
1.9
Output rise/fall
slew rate
TLE 4941
tr, tf
12
7.5
26
24
mA/
µs R
M
≤ 150 Ω
RM
≤ 750 Ω
See Figure 4.
Output rise/fall
slew rate
TLE4941C
tr, tf
8
8
22
26
mA/
µs
RM = 75
Ω
T < 125°C
T < 170°C
See Figure 4.
Current ripple dIX/dVCC
IX
90
µA/V
Limit threshold
∆B
Limit
0.35
0.8
1.5
mT
Initial calibration delay
time
t d,input
300
µs
Additional to
nstart
Magnetic edges
required for initial
calibration
1)
nstart
3
6 *
magn.
edges
Frequency
f
1
2500
Hz
Frequency changes
df/dt
±100
Hz/ms
Duty cycle
duty
40
50
60
%
2) Measured
@
∆B = 2mT
sine wave
Def. Figure 4
Jitter, Tj < 150°C
Tj < 170°C
SJit-close
±2
±3
%
%
1 s value
VCC = 12 V
?B
≥ 2mT
Jitter, Tj < 150°C
Tj < 170°C
SJit-far
±4
±6
%
%
1 s value
VCC = 12 V
(2mT
≥) ∆B >
∆B
Limit
Jitter at board net
ripple
SJit-AC
±2
%
VCC=13V±6Vpp
0 < f < 50kHz
∆B = 15 mT
* See appendix B
1) The sensor requires up to n
start magnetic switching edges for valid speed information after
power-up or after a stand still condition. During that phase the output is disabled.
2) During fast offset alterations, due to the calibration algorithm, exceeding the specified duty
cycle is permitted for short time periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com