Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4941 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4941
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4941 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4941 Datasheet HTML 1Page - Infineon Technologies AG TLE4941 Datasheet HTML 2Page - Infineon Technologies AG TLE4941 Datasheet HTML 3Page - Infineon Technologies AG TLE4941 Datasheet HTML 4Page - Infineon Technologies AG TLE4941 Datasheet HTML 5Page - Infineon Technologies AG TLE4941 Datasheet HTML 6Page - Infineon Technologies AG TLE4941 Datasheet HTML 7Page - Infineon Technologies AG TLE4941 Datasheet HTML 8Page - Infineon Technologies AG TLE4941 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TLE4941, TLE4941C
TLE4941 - TLE 4941C Data Sheet
Febrary 2002
5
Operating Range
Limit values
Unit
Remarks
Parameter
Symbol
Min
Max
Supply voltage
VCC
4.5
20
V
Supply voltage ripple
VAC
6
Vpp
VCC=13V
0 < f < 50kHz
Junction temperature
Tj
-40
150
°C
Junction temperature
Tj
170
°C
VCC
≤ 16.5V, increased
jitter permissible
Pre-induction
B0
-500
+500
mT
Pre-induction offset
between outer probes
∆B
stat., l/r
-20
+20
mT
Differential Induction
∆B
-120
+120
mT
Note: Within the operating range the functions given in the circuit description are
fulfilled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com