Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946H Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4946H
Description  High Precision Hall-Effect Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946H Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4946H Datasheet HTML 1Page - Infineon Technologies AG TLE4946H Datasheet HTML 2Page - Infineon Technologies AG TLE4946H Datasheet HTML 3Page - Infineon Technologies AG TLE4946H Datasheet HTML 4Page - Infineon Technologies AG TLE4946H Datasheet HTML 5Page - Infineon Technologies AG TLE4946H Datasheet HTML 6Page - Infineon Technologies AG TLE4946H Datasheet HTML 7Page - Infineon Technologies AG TLE4946H Datasheet HTML 8Page - Infineon Technologies AG TLE4946H Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLE4946H
Data Sheet
5/9
2003-11-20
AC/DC Characteristics
over operating range, unless otherwise specified. Typical values correspond to VS=12V
and TA=25°C.
Parameter
Symbol
min.
typ.
max.
Unit
Conditions
Supply Current
IS
2
4
6
mA
VS = 2.7V .. 18V
Reverse Current
ISR
0
0.2
1
mA
VS= -18V
Output Saturation Voltage
VQSAT
-
0.3
0.6
V
IQ= 20mA
Output Leakage Current
IQLEAK
-
0.05
10
µA
for VQ=18 V
Output Fall Time
tf
-
0.02
1
µs
RL= 1.2 kOhm ;CL=50pF;
Figure 3
Output Rise Time
tr
-
0.4
1
µs
RL= 1.2 kOhm ;CL=50pF;
Figure 3
Chopper Frequency
fOSC
-
320
-
kHz
Switching Frequency
fSW
0
-
15
1)
kHz
Delay Time
2)
td
-
13
-
µs
Output Jitter
3)
tQJ
-
1
-
µsRMS Typ. Value for Square-Wave
Signal 1kHz
Repeatability of magnetic
thresholds
4)
BREP
-
20
-
µTRMS Typ. Value for
∆B/∆t>12mT/ms
Power-On Time
5)
tPON
-
13
-
µs
VS >= 2.7V
Thermal Resistance
6)
P-SC59-3-2
RthJA
-
100
-
K/W
1) To operate the sensor at the max. switching frequency, the value of the magnetic signal
amplitude must be 1.4 times higher than for static fields. This is due to the -3dB corner frequency
of the low pass filter in the signal path.
2) Systematic delay between magnetic threshold reached and output switching.
3) Jitter is the unpredictable deviation of the output switching delay.
4) B
REP is equivalent to the noise constant.
5) Time from applying V
S >= 2.7 V to the sensor until the output state is valid.
6) Thermal resistance from junction to ambient.
e.g.: VS=12.0 V, IS_typ=4 mA, VQSAT_typ=0.3 V and IQ=20 mA => Power Dissipation Pdis=54.0 mW.
In TA = Tj – (RthJA * Pdis) = 175 °C – (100 K/W * 0.054 W) => TA = 169.6 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com