Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946H Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4946H
Description  High Precision Hall-Effect Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946H Datasheet(HTML) 7 Page - Infineon Technologies AG

  TLE4946H Datasheet HTML 1Page - Infineon Technologies AG TLE4946H Datasheet HTML 2Page - Infineon Technologies AG TLE4946H Datasheet HTML 3Page - Infineon Technologies AG TLE4946H Datasheet HTML 4Page - Infineon Technologies AG TLE4946H Datasheet HTML 5Page - Infineon Technologies AG TLE4946H Datasheet HTML 6Page - Infineon Technologies AG TLE4946H Datasheet HTML 7Page - Infineon Technologies AG TLE4946H Datasheet HTML 8Page - Infineon Technologies AG TLE4946H Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLE4946H
Data Sheet
7/9
2003-11-20
Package Dimension P-SC59-3-2
Figure 4: Package Dimension
Figure 5: Foot print (SOT-23 compatible)
3x 0.4
+0.05
-0.1
M
0.1
0.95
0.95
(0.55)
3 ±0.1
0.15 MAX.
1.1 ±0.1
+0.1
-0.0 5
0.15
0°...8° MAX.
0.1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com