Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4946H Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4946H
Description  High Precision Hall-Effect Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946H Datasheet(HTML) 6 Page - Infineon Technologies AG

  TLE4946H Datasheet HTML 1Page - Infineon Technologies AG TLE4946H Datasheet HTML 2Page - Infineon Technologies AG TLE4946H Datasheet HTML 3Page - Infineon Technologies AG TLE4946H Datasheet HTML 4Page - Infineon Technologies AG TLE4946H Datasheet HTML 5Page - Infineon Technologies AG TLE4946H Datasheet HTML 6Page - Infineon Technologies AG TLE4946H Datasheet HTML 7Page - Infineon Technologies AG TLE4946H Datasheet HTML 8Page - Infineon Technologies AG TLE4946H Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLE4946H
Data Sheet
6/9
2003-11-20
Magnetic Characteristics
over operating range, unless otherwise specified. Typical values correspond to VS=12V.
Parameter
Symbol Tj [°C]
min.
typ.
max.
Unit
Conditions
Operate Point
TLE4946H
BOP
-40
25
150
11.8
11.0
6.1
15.8
14.0
9.6
19.2
17.0
13.7
mT
Release Point
TLE4946H
BRP
-40
25
150
-19.2
-17.0
-13.7
-15.8
-14.0
-9.6
-11.8
-11.0
-6.1
mT
Hysteresis
TLE4946H
BHYS
-40
25
150
-
22.0
-
-
28.0
-
-
34.0
-
mT
Magnetic Offset
TLE4946H
BOFF
-40
25
150
-
-3.0
-
-
-
-
-
3.0
-
mT
(BOP+BRP)/2
Temperature
Compensation of
Magnetic Thresholds
TC
-
-
-2000
-
ppm/°C
Positive magnetic fields related with south pole of magnet to the branded side of package.
Note:
Typical characteristics specify mean values expected over the production spread.
Timing Diagram
Figure 3: Timing Definition
td
tf
tr
90 %
10%
V Q
B OP
B RP
td
A p p lie d
m a g n e tic
fie ld



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com