Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS153 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS153
Description  Dual 4 to 1 Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS153 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS153 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS153 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS153 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS153 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS153 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS153 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS153 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS153 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS153 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS153/UT54ACTS153
Dual 4 to 1 Multiplexers
Datasheet
November 2010
www.aeroflex.com/logic
FEATURES
1.2μ CMOS
- Latchup immune
High speed
Low power consumption
Single 5 volt supply
Available QML Q or V processes
Flexible package
- 16-pin DIP
- 16-lead flatpack
UT54ACS153 - SMD 5962-96550
UT54ACTS153 - SMD 5962-96551
DESCRIPTION
The UT54ACS153 and the UT54ACTS153 are dual four to one
line selectors/multiplexers. Common inputs A and B select a
value from one of four sources for each section and routes the
value from each section to their respective outputs. Separate
strobe inputs, G are provided for each of the two four-line sec-
tions.
The devices are characterized over full military temperature
range of -55
°C to +125°C.
FUNCTION TABLE
PINOUTS
16-Pin DIP
Top View
16-Lead Flatpack
Top View
LOGIC SYMBOL
SELECT
INPUTS
DATA INPUTS
OUTPUT
CONTROL
OUTPUT
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
L
L
L
L
X
X
X
L
L
L
L
H
X
X
X
L
H
L
H
X
L
X
X
L
L
L
H
X
H
X
X
L
H
H
L
X
X
L
X
L
L
H
L
X
X
H
X
L
H
H
H
X
X
X
L
L
L
H
H
X
X
X
H
L
H
1
2
3
4
5
7
6
16
15
14
13
12
10
11
1G
B
1C3
1C2
1C1
1C0
1Y
VDD
2G
A
2C3
2C2
2C1
2C0
8
9
VSS
2Y
1
2
3
4
5
7
6
16
15
14
13
12
10
11
VDD
1G
B
1C3
1C2
1C1
1C0
1Y
2G
A
2C3
2C2
2C1
2C0
VSS
2Y
8
9
(14)
A
(2)
B
1
0
MUX
Note:
1. Logic symbol in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
(1)
1G
EN
(6)
1C0
0
(5)
1C1
(4)
1C2
(3)
1C3
(15)
2G
(10)
2C0
(11)
2C1
(7)
1Y
2C2
(13)
2C3
(9)
2Y
(12)
1
2
3
G
0
3
---


Similar Part No. - UT54ACTS153

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
Dual 4 to 1 Multiplexers
More results

Similar Description - UT54ACTS153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC153 HITACHI-HD74HC153 Datasheet
45Kb / 8P
Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC352 HITACHI-HD74HC352 Datasheet
55Kb / 10P
Dual 4-to-1-line Data Selectors/Multiplexers
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
Dual 4-Line to 1-Line Data Selectors / Multiplexers
HD74HC153 RENESAS-HD74HC153 Datasheet
79Kb / 6P
Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC352 RENESAS-HD74HC352 Datasheet
84Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers
HD74HC353 RENESAS-HD74HC353 Datasheet
182Kb / 7P
Dual 4-to-1-line Data Selectors/Multiplexers
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com