Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-R0126PA015SC-M628F40 Datasheet(PDF) 3 Page - Vincotech

Part # 10-R0126PA015SC-M628F40
Description  Clip-in PCB mounting (optional)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA015SC-M628F40 Datasheet(HTML) 3 Page - Vincotech

  10-R0126PA015SC-M628F40 Datasheet HTML 1Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 2Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 3Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 4Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 5Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 6Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 7Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 8Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
10-R0126PA015SC-M628F40
10-RZ126PA015SC-M628F41
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1,5
1,93
2,3
Tj=150°C
2,23
Tj=25°C
0,01
Tj=150°C
Tj=25°C
200
Tj=150°C
Tj=25°C
86
Tj=150°C
85
Tj=25°C
34
Tj=150°C
35
Tj=25°C
202
Tj=150°C
272
Tj=25°C
70
Tj=150°C
124
Tj=25°C
1,18
Tj=150°C
1,76
Tj=25°C
0,81
Tj=150°C
1,39
Thermal resistance chip to heatsink per chip
RthJH
Phase-Change
Material
1,38
K/W
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,63
K/W
Tj=25°C
1,2
1,86
2,3
Tj=150°C
1,78
Tj=25°C
10
Tj=150°C
13
Tj=25°C
297
Tj=150°C
508
Tj=25°C
1,46
Tj=150°C
2,94
di(rec)max
Tj=25°C
58
/dt
Tj=150°C
45
Tj=25°C
0,57
Tj=150°C
1,18
Thermal resistance chip to heatsink per chip
RthJH
Phase-Change
Material
1,78
K/W
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
2,09
K/W
G
Vincotech NTC Reference
B-value
K
B(25/100)
Tj=25°C
3560
K
Tj=25°C
3500
B-value
B(25/50)
Tol. ±3%
85
V
Tj=25°C
%
4700
5
-5
200
15
0
tr
td(off)
VCE=VGE
Erec
Coss
Crss
Qrr
trr
QGate
IGES
tf
Eon
Eoff
td(on)
IRRM
VF
VGE(th)
VCE(sat)
ICES
Rgint
Input capacitance
Output capacitance
Turn-off energy loss per pulse
Integrated Gate resistor
Inverter Transistor
Gate emitter threshold voltage
Value
Conditions
Characteristic Values
µC
mWs
A/µs
f=1MHz
Rgon=32
0
20
15
Rgoff=32
±15
15
15
±15
Turn-on energy loss per pulse
Reverse recovered charge
Inverter Diode
Peak reverse recovery current
Reverse transfer capacitance
Diode forward voltage
Gate charge
Cies
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Collector-emitter cut-off current incl. Diode
Fall time
Turn-off delay time
Turn-on delay time
Rise time
Gate-emitter leakage current
Collector-emitter saturation voltage
1200
0
960
15
600
25
600
mW/K
Power dissipation
P
mW
2
Rated resistance
R
Power dissipation constant
Deviation of R25
∆R/R
Thermistor
Rgon=32
15
15
0,0005
900
80
none
Tj=25°C
Tj=25°C
Tj=25°C
Tj=25°C
V
A
nC
nA
V
mA
mWs
ns
pF
ns
55
Tj=25°C
3
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com