Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-R0126PA015SC-M628F40 Datasheet(PDF) 11 Page - Vincotech

Part # 10-R0126PA015SC-M628F40
Description  Clip-in PCB mounting (optional)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA015SC-M628F40 Datasheet(HTML) 11 Page - Vincotech

Back Button 10-R0126PA015SC-M628F40 Datasheet HTML 7Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 8Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 9Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 10Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 11Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 12Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 13Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 14Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 15Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
10-R0126PA015SC-M628F40
10-RZ126PA015SC-M628F41
Figure 29
IGBT
Reverse bias safe operating area
IC = f(VCE)
At
Tj =
Tjmax-25
ºC
Uccminus=Uccplus
Switching mode :
3 level switching
Figure 1
Thermistor
Typical NTC characteristic
as a function of temperature
RT = f(T)
Thermistor
NTC-typical temperature characteristic
0
1000
2000
3000
4000
5000
25
50
75
100
125
T (°C)
0
5
10
15
20
25
30
35
0
200
400
600
800
1000
1200
1400
V CE (V)
IC MAX
11
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com