Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10-R0126PA015SC-M628F40 Datasheet(PDF) 8 Page - Vincotech

Part # 10-R0126PA015SC-M628F40
Description  Clip-in PCB mounting (optional)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA015SC-M628F40 Datasheet(HTML) 8 Page - Vincotech

Back Button 10-R0126PA015SC-M628F40 Datasheet HTML 4Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 5Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 6Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 7Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 8Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 9Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 10Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 11Page - Vincotech 10-R0126PA015SC-M628F40 Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
10-R0126PA015SC-M628F40
10-RZ126PA015SC-M628F41
Figure 17
Output inverter FWD
Figure 18
Output inverter FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(IC)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
15
A
Rgon =
32
VGE =
±15
V
Figure 19
Output inverter IGBT
Figure 20
Output inverter FWD
IGBT transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
1,38
K/W
RthJH =
1,63
K/W
RthJH =
1,78
K/W
RthJH =
2,09
K/W
IGBT thermal model values
FWD thermal model values
Phase change interface
Phase change interface
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,14
7,1E-01
0,16
7,1E-01
0,07
2,6E+00
0,08
2,6E+00
0,55
1,0E-01
0,65
1,0E-01
0,12
3,9E-01
0,15
3,9E-01
0,40
3,6E-02
0,47
3,6E-02
0,72
6,9E-02
0,84
6,9E-02
0,19
7,0E-03
0,22
7,0E-03
0,45
1,7E-02
0,53
1,7E-02
0,10
9,2E-04
0,12
9,2E-04
0,24
3,8E-03
0,29
3,8E-03
0,18
6,4E-04
0,21
6,4E-04
Thermal grease
Thermal grease
Output Inverter
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
0
300
600
900
1200
1500
0
25
50
75
100
125
150
R gon ( Ω
Ω
Ω
Ω )
dI0/dt
dIrec/dt
0
100
200
300
400
0
5
10
15
20
25
30
I C (A)
dIrec/dt
dI0/dt
8
Revision: 2
Copyright by Vincotech



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com