Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SEC Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT699SEC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SEC Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT699SEC Datasheet HTML 4Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 5Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 6Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 7Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 8Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 9Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 10Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 11Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
2.8 Debug Support Unit (DSU)
2.9 JTAG Interface
2.10 Ethernet Interface
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA
DSUACT
O
151
H19
low
DSUmode indicator
DSUBRE
I
152
H20
--
DSU break
DSUEN
I
153
G19
--
DSU enable
DSURX
I
154
G20
--
DSU UART receive data
DSUTX
O
155
G21
high
DSU UART transmit data
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA
TRST
I156
F20
--
JTAG reset
TMS
I
157
F21
--
JTAG test mode select
TCK
I
160
G22
--
JTAG clock
TDI
I
161
F22
--
JTAG test data input
TDO
O
162
F19
undef
JTAG test data output
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA
EMDC
O
163
E22
low
Ethernet media interface clock
ERX_CLK
I
166
D22
--
Ethernet RX clock
EMDIO
I/O
167
D20
high-Z
Ethernet media interface data
ERX_COL
I
168
E21
--
Ethernet collision error
ERX_CRS
I
169
E20
--
Ethernet carrier sense detect
ERX_DV
I
171
D21
--
Ethernet receiver data valid
ERX_ER
I
172
C21
--
Ethernet reception error
ERXD[0]
I
173
C22
--
Ethernet receive data
ERXD[1]
I
174
B21
--
Ethernet receive data
ERXD[2]
I
175
C20
--
Ethernet receive data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com