Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SEC Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT699SEC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SEC Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT699SEC Datasheet HTML 5Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 6Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 7Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 8Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 9Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 10Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 11Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 12Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
2.11 General Purpose I/O
ERXD[3]
I
176
B20
--
Ethernet receive data
ETXD[0]
O
177
C19
low
Ethernet transmit data
ETXD[1]
O
178
C18
high
Ethernet transmit data
ETXD[2]
O
179
B18
low
Ethernet transmit data
ETXD[3]
O
180
B19
high
Ethernet transmit data
ETX_CLK
I
182
A19
--
Ethernet TX clock
ETX_EN
O
184
A18
low
Ethernet transmit enable
ETX_ER
O
185
A20
low
Ethernet transmit error. Always driven low.
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA
GPIO[0]
I/O
191
B17
high-Z
Bit 0 of general purpose I/O
GPIO[1]
I/O
192
C17
high-Z
Bit 1 of general purpose I/O
GPIO[2]
I/O
193
A17
high-Z
Bit 2 of general purpose I/O
GPIO[3]
I/O
194
D17
high-Z
Bit 3 of general purpose I/O
GPIO[4]
I/O
196
C16
high-Z
Bit 4 of general purpose I/O
GPIO[5]
I/O
197
D16
high-Z
Bit 5 of general purpose I/O
GPIO[6]
I/O
198
C15
high-Z
Bit 6 of general purpose I/O
GPIO[7]
I/O
199
D15
high-Z
Bit 7 of general purpose I/O
GPIO[8]
I/O
254
C7
high-Z
Bit 8 of general purpose I/O
GPIO[9]
I/O
255
B5
high-Z
Bit 9 of general purpose I/O
GPIO[10]
I/O
256
D7
high-Z
Bit 10 of general purpose I/O
GPIO[11]
I/O
257
A5
high-Z
Bit 11 of general purpose I/O
GPIO[12]
I/O
259
D6
high-Z
Bit 12 of general purpose I/O
GPIO[13]
I/O
260
C5
high-Z
Bit 13 of general purpose I/O
GPIO[14]
I/O
261
C6
high-Z
Bit 14 of general purpose I/O
GPIO[15]
I/O
262
D5
high-Z
Bit 15 of general purpose I/O
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com