Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SEC Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT699SEC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SEC Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT699SEC Datasheet HTML 10Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 11Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 12Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 13Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 14Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 15Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 16Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 17Page - Aeroflex Circuit Technology UT699SEC Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
VSS
8, 20, 30, 42, 49, 61, 70, 82,
107, 130, 138, 159, 183,
187, 195, 204, 216, 219,
225, 230, 238, 246, 250,
258, 264, 278, 282, 303,
311, 334, 352
A1, A12, A22, B11, C8,
C10, C13, D4, D9, D14,
D18, D19, E4, E6, E10,
E13, E17, E19, F4, G4, G8,
G11, G12, G15, G17, H4,
H7, H16, H18, J2, J4, J9,
J14, K4, K10, K13, L7,
L11, L12, L17, M7, M11,
M12, M17, N4, N10, N13,
P4, P9, P14, R4, R7, R16,
R18, T2, T4, T8, T15, T17,
U4, U10, U13, V4, V5, V8,
V11, V12, V15, V18, AB1,
AB22
I/O supply ground (pins 187/D19 and
264/D4 must be tied to VSS)
VDDC
14, 37, 56, 77, 101, 122,
144, 165, 186, 188, 201,
209, 220, 227, 232, 239,
249, 252, 276, 297, 319,
340
A2, A21, D10, D13, E5,
E11, E12, E18, F8, F15,
G7, G10, G13, G16, G18,
H5, H9, H11, H12, H14,
H17, J6, J8, J15, K7, K16,
L4, L8, L15, L18, M4, M8,
M15, M18, N7, N16, P6,
P8, P15, R5, R9, R11, R12,
R14, R17, T7, T10, T13,
T16, T18, U8, U15, V6,
V17, AB2, AB21
Core supply voltage
VSSC
13, 36, 55, 76, 100, 121,
143, 164, 189, 202, 210,
218, 228, 231, 240, 253,
277, 298, 320, 341
A10, C9, C14, D11, D12,
E8, E15, F5, F7, F9, F11,
F12, F14, F16, F18, G6,
H21, J5, J10, J11, J12, J13,
J17, K6, K9, K11, K12,
K14, K18, L5, L9, L10,
L13, L14, L16, M5, M9,
M10, M13, M14, M16,
M19, N6, N9, N11, N12,
N14, N18, P5, P10, P11,
P12, P13, P17, T6, T11,
T12, U5, U7, U16, U18,
U21, V7, V9, V14, V16
Core supply ground
N/C
248
D8
This pin must be left floating
Unused
291
N2
This pin must be tied to VDD through a
10k pull-up resistor
Pin Name
Pin Number
Description
352 CQFP
484 CLGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com