Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6244 Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 47Page - Infineon Technologies AG TLE6244 Datasheet HTML 48Page - Infineon Technologies AG TLE6244 Datasheet HTML 49Page - Infineon Technologies AG TLE6244 Datasheet HTML 50Page - Infineon Technologies AG TLE6244 Datasheet HTML 51Page - Infineon Technologies AG TLE6244 Datasheet HTML 52Page - Infineon Technologies AG TLE6244 Datasheet HTML 53Page - Infineon Technologies AG TLE6244 Datasheet HTML 54Page - Infineon Technologies AG TLE6244 Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
Final Data Sheet
51
V4.2, 2003-08-29
TLE 6244X
3.6.6 On /off Delay
Times
„On“
„Off“
(Measurementwithohmic load)
|tdon - tdoff|
B
B
B
C
C
tdon
tson
tdoff
tsoff
∆td
10
5
10
10
5
µs
µs
µs
µs
µs
switch-on slew rate
switch-off slew rate
C
C
son
soff
20
25
V/µs
V/µs
3.6.7 Leakage Cur-
rent
UVDD = 0V, UOUT9...14 = 14V
(leakage current of the DMOS,
diagnostic current = 0)
UVDD = 0V, UOUT9...14 = 24V
(leakage current of the DMOS,
diagnostic current = 0)
A
A
IOUTi
IOUTi
50
200
µA
µA
3.6.8 Clamping
3.6.8.1 Clamping
Voltage
IOUTi = 0.2A
A
U9...14
40
45
50
V
3.6.8.2 Maximum
Clamping En-
ergy
TC ≤ 110°C
Linear decreasing current,
fmax = 30Hz (see diagrams
E = f(I) on page 66)
IOUT9...14 ≤ 2.2A
C
E
14
mJ
IOUT9...14 ≤ 1.0A
C
E
30
mJ
3.6.8.3 Maximum
Clamping En-
ergy
TC ≤ 60°C
Linear decreasing current,
fmax = 30Hz
IOUT9...14 ≤ 2.2A
C
E
17
mJ
IOUT9...14 ≤ 1.0A
C
E
36
mJ
3.6.8.4 Maximum
Clamping En-
ergy with two
Outputs con-
nected in par-
allel
Each output 75% of the values of
3.6.8.2 resp. 3.6.8.3.
C
3.6.8.5 Maximum
Clamping En-
ergy at Load
Dump
For a maximum of 10 times during
ECU life (load dump with 400ms
and Ri = 2Ω over the load, e.g. 2W
lamp)
CE
50
mJ
3.6.8.6 Jump Start
Each output 150% of the values of
3.6.8.3.
For a maximum of 10 jump starts
of 2 minutes each during ECU life.
C
3.6.8.7Singlepulse
TC ≤ 60°C
IOUT9...14 ≤ 0.6A, max 10 000
pulse
CE
50
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com