Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6244 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 9Page - Infineon Technologies AG TLE6244 Datasheet HTML 10Page - Infineon Technologies AG TLE6244 Datasheet HTML 11Page - Infineon Technologies AG TLE6244 Datasheet HTML 12Page - Infineon Technologies AG TLE6244 Datasheet HTML 13Page - Infineon Technologies AG TLE6244 Datasheet HTML 14Page - Infineon Technologies AG TLE6244 Datasheet HTML 15Page - Infineon Technologies AG TLE6244 Datasheet HTML 16Page - Infineon Technologies AG TLE6244 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Final Data Sheet
13
V4.2, 2003-08-29
TLE 6244X
1.6.1 Serial/Parallel Control
Serial/Parallel Control of the Power Stages 1...16 and Serial Control (SPI) of the Power Stages 17 and
18:
The registers MUX_REG1/2 and the bmux-bit prescribe parallel control or serial control (SPI or µsec-
bus) of the power stages.
(SPI-Instructions: WR_MUX1...2, RD_MUX1...2, WR_SCON1...3, RD_SCON1...3)
The following table shows the truth table for the control of the power stages 1...18. The registers
MUX_REG1, 2 prescribe parallel-control or serial control of the power stages. The registers
SCON_REG1...3 prescribe the state of the power stage in case of SPI-serial control. BMUX deter-
mines parallel control or control by µsec-bus.
For the power stages 17 and 18 control is exclusively possible via SCON17/18. IN17/18 and
MUX17/18 do not exist. BMUX has no function for OUT17/18.
Exception: OUT8 is on (active) if IN8 is set to logic ‘1’ (and off if IN8 is set to logic ‘0’) in case of
parallel access.
Note: OUT8 cannot be controlled by the µsec-Bus. Refer to section 1.7.
ABE
RST
INx
BMUX MUXx SCONx
µsec-
REGx
Output OUTx of Power Stage x,
x = 1..18
0
0
XX
XX
X
OUTx off
0
1
XX
XX
X
OUTx off
1
0
XX
XX
X
OUTx off
1
1
X
X
0
0
X
SPI Control: OUTx on
1
1
X
X
0
1
X
SPI Control: OUTx off
1
1
0
1
1
X
X
Parallel Control: OUTx on
1
1
1
1
1
X
X
Parallel Control: OUTx off
1
1
X
0
1
X
0
µsec-bus Control: OUTx on
1
1
X
0
1
X
1
µsec-bus Control: OUTx off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com