Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6244 Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 50Page - Infineon Technologies AG TLE6244 Datasheet HTML 51Page - Infineon Technologies AG TLE6244 Datasheet HTML 52Page - Infineon Technologies AG TLE6244 Datasheet HTML 53Page - Infineon Technologies AG TLE6244 Datasheet HTML 54Page - Infineon Technologies AG TLE6244 Datasheet HTML 55Page - Infineon Technologies AG TLE6244 Datasheet HTML 56Page - Infineon Technologies AG TLE6244 Datasheet HTML 57Page - Infineon Technologies AG TLE6244 Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
Final Data Sheet
54
V4.2, 2003-08-29
TLE 6244X
3.7.8.5 Maximum
Clamping En-
ergy at Load
Dump
For a maximum of 10 times during
ECU life (load dump with 400ms
and Ri = 2Ω over the load, e.g. 2W
lamp)
CE
50
mJ
3.7.8.6 Jump Start
Each output 150% of the values of
3.7.8.3.
For a maximum of 10 jump starts
of 2 minutes each during ECU life.
C
3.7.8.7Singlepulse
TC ≤ 60°C
IOUT15, 16 ≤ 0.6A, max 10 000
pulses
CE
50
mJ
3.8 Power Outputs
1.1A/45V
OUT7,8,
OUT17,18
In case of open input (parallel con-
trol) or missing power supply the
power stage is switched off. Paral-
lel connection of power stages is
possible.
3.8.1 Nominal Cur-
rent
for OUT7, 8, 17, 18
C
IOUTi
1.1
A
3.8.2 Extended Cur-
rent Range
IOUT7,8,17,18 > 1.1A
Accumulated operating time
C
100
h
3.8.3 Maximum
Current
(Short Circuit
Shut down
Threshold
and static
current limita-
tion)
4.5V
≤ UUBatt ≤ 17V for OUT7, 8
4.5V
≤ UUBatt for OUT17,18
TJ = -40°C
TJ = 150°C
B
A
IOUTi
IOUTi
1.2
1.1
2.2
2.0
A
A
UUBatt > 21V only for OUT7,8
TJ = -40°C
TJ = 150°C
B
A
IOUTi
IOUTi
1.5
1.3
2.5
2.3
A
A
For OUT7, OUT8
Above this limit short circuit to
UBatt is detected. For the duration
of the shutoff delay time tVoff (see
3.8.4) the output current is limited
to approximately this value. If the
short circuit condition is still
present after tVoff, the outputs
OUT7/8 are switched off. An error
is stored after tDiag (see 3.11.4).
The same is true for OUT17
OUT18 if the static current limita-
tion is not enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com