Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6262G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6262G
Description  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6262G Datasheet HTML 9Page - Infineon Technologies AG TLE6262G Datasheet HTML 10Page - Infineon Technologies AG TLE6262G Datasheet HTML 11Page - Infineon Technologies AG TLE6262G Datasheet HTML 12Page - Infineon Technologies AG TLE6262G Datasheet HTML 13Page - Infineon Technologies AG TLE6262G Datasheet HTML 14Page - Infineon Technologies AG TLE6262G Datasheet HTML 15Page - Infineon Technologies AG TLE6262G Datasheet HTML 16Page - Infineon Technologies AG TLE6262G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Final Data TLE 6262 G
13
version: 2.03 date: 2002-03-20
Table 2
Table 3
Input Data Protocol
Diagnosis Data Protocol
BIT
BIT
15
not used
15
Thermal Shutdown Transceiver
14
not used
14
Thermal Shutdown Switches
13
not used
13
CAN Failure 2 and 4
12
not used
12
CAN Failure 1 and 3a
11
PWM Enable
11
CAN Failure 6
10
CAN Enable Transmit
10
CAN Failure 6a
9
CAN Not Stand-By
9
CAN Failure 6a, 5 and 7
8
Watchdog Control
8
CAN Failure 3
7
Supervisor Enable
7
Vcc < 3V
6
LS-Switch 2
6
Status LS2
5
LS-Switch 1
5
Status LS1
4
HS3 Auto Timing
4
not used
3
HS-Switch 3
3
Vs Undervoltage Lockout
2
HS-Switch 2
2
Window Watchdog Reset
1
HS-Switch 1
1
Overload HS1
0
Watchdog Trigger
0
Temperature Prewarning
H= ON
L= OFF
H= ON
L= OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com