Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6262G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6262G
Description  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6262G Datasheet HTML 1Page - Infineon Technologies AG TLE6262G Datasheet HTML 2Page - Infineon Technologies AG TLE6262G Datasheet HTML 3Page - Infineon Technologies AG TLE6262G Datasheet HTML 4Page - Infineon Technologies AG TLE6262G Datasheet HTML 5Page - Infineon Technologies AG TLE6262G Datasheet HTML 6Page - Infineon Technologies AG TLE6262G Datasheet HTML 7Page - Infineon Technologies AG TLE6262G Datasheet HTML 8Page - Infineon Technologies AG TLE6262G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Final Data TLE 6262 G
3
version: 2.03 date: 2002-03-20
1.3
Pin Definitions and Functions
Pin No.
Symbol
Function
1CANH
CAN-H bus line; HIGH in dominant state
2RTH
Termination input for CANH
3RO
Reset output; open drain output; integrated pull up; active low
4CANL
CAN-L bus line; LOW in dominant state
5RTL
Termination input for CANL
6, 7, 8, 9,
20, 21,
22, 23
GND
Ground; to reduce thermal resistance place cooling areas on
PCB close to this pins.
10
OUTH1
High side output 1; controlled via PWM input and/or SPI input,
short circuit protected
11
OUTL1
Low side output 1; SPI controlled, with active zener
12
OUTL2
Low side output 2; SPI controlled, with active zener
13
OUTH2
High side output 2; SPI controlled
14
OUTH3
High side output 3; SPI controlled, in low power mode controlled
by internal autotiming function if selected
15
VS
Power supply; block to GND directly at the IC with ceramic
capacitor
16
CSN
SPI interface chip select not; CSN is an active low input; serial
communication is enabled by pulling the CSN terminal low; CSN
input should only be transitioned when CLK is low; CSN has an
internal active pull up and requires CMOS logic level inputs
17
DO
SPI interface data out; this tristate output transfers diagnosis
data to the control device; the output will remain 3-stated unless
the device is selected by a low on Chip-Select-Not (CSN); see
table 3 for diagnosis protocol
18
DI
SPI interface data in; receives serial data from the control
device; serial data transmitted to DI is a 16 bit control word with
the Least Significant Bit (LSB) being transferred first: the input
has an active pull down and requires CMOS logic level inputs; DI
will accept data on the falling edge of CLK-signal; see table 2 for
input data protocol
19
CLK
SPI interface clock input; clocks the shiftregister; CLK has an
internal active pull down and requires CMOS logic level inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com