Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6262G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6262G
Description  Fault Tolerant CAN - LDO
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6262G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6262G Datasheet HTML 17Page - Infineon Technologies AG TLE6262G Datasheet HTML 18Page - Infineon Technologies AG TLE6262G Datasheet HTML 19Page - Infineon Technologies AG TLE6262G Datasheet HTML 20Page - Infineon Technologies AG TLE6262G Datasheet HTML 21Page - Infineon Technologies AG TLE6262G Datasheet HTML 22Page - Infineon Technologies AG TLE6262G Datasheet HTML 23Page - Infineon Technologies AG TLE6262G Datasheet HTML 24Page - Infineon Technologies AG TLE6262G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Final Data TLE 6262 G
21
version: 2.03 date: 2002-03-20
PWM Input to control OUTH1; Pin PWM (high active)
H-input voltage threshold
V
IH
––
0.7
´VCC
V
–
L-input voltage threshold
V
IL
0.2
´Vcc
––
V
–
Hysteresis of input voltage
V
IHY
50
200
500
mV
–
Pull down current
I
I
5
25
180
mA
VI = 0.2 * VCC
Input capacitance
C
I
–10
15
pF
0V < VCC < 5.25 V
High Side Output OUTH2; (controlled by bit 2 of SPI input word)
Static Drain-Source
ON-Resistance;
I
OUTH2 = -0.25 A
R
DSON H2
–1.0
2.0
W
1.5
4.0
W
5.2 V
£ VS £ 9V
Active zener voltage
V
OUTH2
-5.0
-3.0
-0.5
V
IOUTH2 = – 0.25 A
Clamp diode forward voltage
V
OUTH2
0.8
1
V
IOUTH2 = 0.25 A
Leakage current
I
OLH1
-100
-5
–
µA
VOUTH2 = 0 V
Switch ON delay time
t
dONH1
10
100
µs
CSN high to OUTH2;
RL = 100 W
Switch OFF delay time
t
dOFFH1
20
100
µs
CSN high to OUTH2;
RL = 100 W
High Side Output OUTH3; (controlled by bit 3 and bit 4 of SPI input word)
Static Drain-Source
ON-Resistance;
I
OUTH3 = -0.15 A
R
DSON H3
–1.5
3.0
W
2.0
5.0
W
5.2 V
£ VS £ 9V
Active zener voltage
V
OUTH3
-5.0
-3.0
-0.5
V
IOUTH3 = – 0.15 A
Clamp diode forward voltage
V
OUTH3
0.8
1
V
IOUTH3 = 0.15 A
Leakage current
I
OLH3
-100
-5
–
µA
VOUTH3 = 0 V
2.3
Electrical Characteristics (cont’d)
9V <
VS <16 V; ICC =-100
mA; normal mode; all outputs open; – 40 °C< Tj < 150 °C; CAN-
transceiver circuitry: – 40
°C< Tj <125 °C; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com