Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6263G
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6263G Datasheet HTML 9Page - Infineon Technologies AG TLE6263G Datasheet HTML 10Page - Infineon Technologies AG TLE6263G Datasheet HTML 11Page - Infineon Technologies AG TLE6263G Datasheet HTML 12Page - Infineon Technologies AG TLE6263G Datasheet HTML 13Page - Infineon Technologies AG TLE6263G Datasheet HTML 14Page - Infineon Technologies AG TLE6263G Datasheet HTML 15Page - Infineon Technologies AG TLE6263G Datasheet HTML 16Page - Infineon Technologies AG TLE6263G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
13
2004-06-07
The transmission cycle begins when the TLE6263 is selected by the chip select not input
CSN (H to L). After the CSN input returns from L to H, the word that has been read in
becomes the new control word. The DO output switches to tri-state status at this point,
thereby releasing the DO bus circuit for other uses. For details of the SPI timing please
refer to figure 6 to 9.
Table 5, Diagnosis Data Protocol
Table 6, Diagnosis Data Protocol
RxD-only mode
Vbat-Stand-by mode
6.6
Window Watchdog, Reset
When the input voltage exceeds the reset threshold voltage the reset output RO is
switched HIGH after a delay time of typ. 8ms. This is necessary for a defined start of the
microcontroller when the application is switched on. As soon as an under-voltage
condition of the output voltage (VCC < VRT) appears, the reset output RO is switched
LOW again (power on and under-voltage reset). The LOW signal is guaranteed down to
an output voltage VQ ≥ 1V. Please refer to figure 13, Reset Timing Diagram.
In sleep operation mode, the watchdog circuit is automatically disabled.
Long Open Window
After the above described delayed reset (LOW to HIGH transition of RO) the window
watchdog circuit is started by opening a long open window of typ. 65ms. The long open
window allows the microcontroller to run his set-up and then to trigger the watchdog via
the SPI, refer to figure 11,Watchdog Timeout Definitions. Within the long open window
OBIT
OBIT
7
CAN Failure 5(4) and 7
7
VCC Not-Fail
6
CAN Failure 6 (3)
6
VINT Not-Fail
5
CAN Failure 6a (3a)
5
WK1/2 Initialization Fail
4
CAN Failure 2(1) and 4(5)
4
Wake via CAN bus lines
3
CAN Failure 3(6)
3
WK2 voltage level
2
CAN Failure 1(2) and 3a(6a)
2
WK1 voltage level
1
Window Watchdog Reset
1
Window Watchdog Reset
0
Temperature Prewarning
0
Temperature Prewarning
H= ON
L= OFF
()... values in brackets according to
ISO11898-3 see table 2
H= ON
L= OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com