Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6263G
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6263G Datasheet HTML 1Page - Infineon Technologies AG TLE6263G Datasheet HTML 2Page - Infineon Technologies AG TLE6263G Datasheet HTML 3Page - Infineon Technologies AG TLE6263G Datasheet HTML 4Page - Infineon Technologies AG TLE6263G Datasheet HTML 5Page - Infineon Technologies AG TLE6263G Datasheet HTML 6Page - Infineon Technologies AG TLE6263G Datasheet HTML 7Page - Infineon Technologies AG TLE6263G Datasheet HTML 8Page - Infineon Technologies AG TLE6263G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
P-DSO-28-18
Enhanced Power
CAN-LDO-ASIC
TLE 6263
Version 2.08
2
2004-06-07
Final Datasheet
1Features
• Standard fault tolerant differential CAN-transceiver
• Bus failure management
• Low power mode management
• Receive only mode for CAN
• CAN data transmission rate up to 125 kBaud
• Low-dropout voltage 5V regulator
• High side switch
• 2 wake-up inputs
• Power on and under-voltage reset generator
• Window watchdog
• Fail-safe output
• Early warning feature (VCC warning)
• Sense comparator input (VINT warning)
• Standard 8 bit SPI-interface
• Flash program mode
• Wide input voltage range
• Wide temperature range
• Enhanced power P-DSO-Package
2
Description
The TLE 6263 is a monolithic integrated circuit in an enhanced power P-DSO-28-18
package. The IC is optimized for use in advanced automotive electronic control units for
body and convenience applications.
To support this applications the TLE 6263 covers the main smart power functions such
as failure tolerant low speed CAN-transceiver for differential mode data transmission,
low dropout voltage regulator (LDO) for internal and external 5V supply as well as a SPI
(serial peripheral interface) to control and monitor the IC. Further there are integrated
additional features like a high side switch that can be used e.g. for cyclic supply of an
external wake-up circuitry, two wake-up inputs, a window watchdog circuit with fail safe
output as well as a reset and early warning feature.
The IC is designed to withstand the severe conditions of automotive applications.
Type
Ordering Code
Package
TLE 6263 G
Q67007-A9465
P-DSO-28-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com