Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6263G
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6263G Datasheet HTML 17Page - Infineon Technologies AG TLE6263G Datasheet HTML 18Page - Infineon Technologies AG TLE6263G Datasheet HTML 19Page - Infineon Technologies AG TLE6263G Datasheet HTML 20Page - Infineon Technologies AG TLE6263G Datasheet HTML 21Page - Infineon Technologies AG TLE6263G Datasheet HTML 22Page - Infineon Technologies AG TLE6263G Datasheet HTML 23Page - Infineon Technologies AG TLE6263G Datasheet HTML 24Page - Infineon Technologies AG TLE6263G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
21
2004-06-07
7.3
Electrical Characteristics
VS = 13.5 V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj <150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Quiescent current Pin
V
S
Current consumption
I
Q = IS - ICC
I
Q
–5.5
10
mA
normal mode;
ICC =30 mA;
TxD recessive
Current consumption
I
Q = IS - ICC
I
Q
–8
10
mA
normal mode;
ICC =30 mA;
TxD dominant
Current consumption
I
Q = IS - ICC
I
Q
–
300
400
µA
stand-by mode;
Tj=25°C; ICC =1 mA;
Ibit 7 = H
Current consumption
I
Q
–50
80
µA
sleep mode; Tj=25°C;
SPI Ibit 4 = L;
VCC = VCCI = 0 V
Current consumption
I
Q
3mA
OUTHS active;
SPI Ibit 4 = H;
sleep mode;
VCC = VCCI = 0 V
Voltage Regulator; Pin
V
CC
Output voltage
V
CC
4.95.0
5.1V
0.1 mA< ICC<100 mA
6V<VI<20 V
Output voltage
V
CC
4.85.0
5.2V
0A < ICC < 100 µA
Line regulation
∆V
CC
50
mV
6V < VS < 16 V;
ICC =1mA
Load regulation
∆V
CC
50
mV
5mA< ICC< 100mA;
VS =6V
Power supply ripple rejection
PSRR
40
dB
VS < 1 Vss;
CQ ≥ 10µF
100Hz< f <100kHz
Output current limit
I
CCmax
110
120
mA
note 1)
Output current limit
I
CCmax
120
mA
VCC = 0 V
Drop voltage
V
DR = VS - VCC
V
DR
0.5
V
ICC = 80 mA;
note 1)
note 1) measured when the output voltage VCC has dropped 100 mV from the nominal value obtained at
13.5 V input voltage VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com