Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6285 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6285
Description  LIN-Transceiver LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6285 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6285 Datasheet HTML 3Page - Infineon Technologies AG TLE6285 Datasheet HTML 4Page - Infineon Technologies AG TLE6285 Datasheet HTML 5Page - Infineon Technologies AG TLE6285 Datasheet HTML 6Page - Infineon Technologies AG TLE6285 Datasheet HTML 7Page - Infineon Technologies AG TLE6285 Datasheet HTML 8Page - Infineon Technologies AG TLE6285 Datasheet HTML 9Page - Infineon Technologies AG TLE6285 Datasheet HTML 10Page - Infineon Technologies AG TLE6285 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Target Data
TLE 6285
Version 1.02
7
2002-05-15
In case the voltage regulator control input is not connected to INH output or the
microcontroller is active respectively, the TLE6285 can be set in normal operation mode
without a wake-up via the communication bus.
2.2
LIN Transceiver
The LIN Transceiver has already a pull up resistor of 30k
W as termination implemented.
There is also a diode in this path, to protect the circuit from feedback of voltages from
the bus line to the power supply. To configure the TLE 6285 as a master node, an
additional external termination resistor of 1k
W is required. To avoid reverse currents from
the bus line into the battery supply line in case of an unpowered node, it is also
recommended to place a diode in series to the external pull up. For small systems (low
bus capacitance) the EMC performance of the system is supported by an additional
capacitor of at least 1nF in the master node (see figure 6, application circuit).
An capacitor of 10µF at the supply voltage input VS buffers the input voltage. In
combination with the required reverse polarity diode this prevents the device from
detecting power down conditions in case of negative transients on the supply line.
2.3
Input Capacitor
The input capacitor CI is necessary for compensation of line influences. Using a resistor
of approx. 1
W in series with CI, the oscillating circuit consisting of input inductivity and
input capacitance can be damped. The output capacitor is necessary for the stability of
the regulating circuit. Stability is guaranteed at values
³ 22 mF and an ESR of £ 5 W
within the operating temperature range. For small tolerances of the reset delay the
spread of the capacitance of the delay capacitor and its temperature coefficient should
be noted.
2.4
Voltage regulator
The 6285 incorporates a PNP based very low drop linear voltage regular. It regulates the
output voltage to VCC = 5 V for an input voltage range of 5.5 V £ VI £ 45 V. The control
circuit protects the device against potential caused by damages overcurrent and
overtemperature.
The internal control circuit achieves a 5 V output voltage with a tolerance of
± 2% in the
temperature range of Tj = – 40 to 150 °C.
The device includes a power on reset and an under voltage reset function with adjustable
reset delay time and adjustable reset switching threshold as well as a sense control/early
warning function. The device includes an inhibit function to disable it when the ECU is
not used for example while the motor is off.
The reset logic compares the output voltage VCC to an internal threshold. If the output
voltage drops below this level, the external reset delay capacitor CD is discharged. When
VD is lower than VLD, the reset output RO is switched Low. If the output voltage drop is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com