Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6285 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6285
Description  LIN-Transceiver LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6285 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6285 Datasheet HTML 5Page - Infineon Technologies AG TLE6285 Datasheet HTML 6Page - Infineon Technologies AG TLE6285 Datasheet HTML 7Page - Infineon Technologies AG TLE6285 Datasheet HTML 8Page - Infineon Technologies AG TLE6285 Datasheet HTML 9Page - Infineon Technologies AG TLE6285 Datasheet HTML 10Page - Infineon Technologies AG TLE6285 Datasheet HTML 11Page - Infineon Technologies AG TLE6285 Datasheet HTML 12Page - Infineon Technologies AG TLE6285 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Target Data
TLE 6285
Version 1.02
9
2002-05-15
In addition the reset switching threshold can be adjusted by an external voltage divider.
The feature is useful for microprocessors which guarantee safe operation down to
voltages below the internally set reset threshold of 4.65 V typical.
If the internal used reset threshold of typical 4.65 V is used, the pin RADJ has to be
connected to GND.
If a lower reset threshold is required by the system, a voltage divider defines the reset
threshold VRth between 3.5 V and 4.60 V:
VRth = VRADJ TH ´ (R1 + R2) / R2
[3]
VRADJ TH is typical 1.36 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com