Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6285 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6285
Description  LIN-Transceiver LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6285 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6285 Datasheet HTML 4Page - Infineon Technologies AG TLE6285 Datasheet HTML 5Page - Infineon Technologies AG TLE6285 Datasheet HTML 6Page - Infineon Technologies AG TLE6285 Datasheet HTML 7Page - Infineon Technologies AG TLE6285 Datasheet HTML 8Page - Infineon Technologies AG TLE6285 Datasheet HTML 9Page - Infineon Technologies AG TLE6285 Datasheet HTML 10Page - Infineon Technologies AG TLE6285 Datasheet HTML 11Page - Infineon Technologies AG TLE6285 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Target Data
TLE 6285
Version 1.02
8
2002-05-15
very short, the VLD level is not reached and no reset-signal is asserted. This feature
avoids resets at short negative spikes at the output voltage e.g. caused by load changes.
As soon as the output voltage is more positive than the reset threshold, the delay
capacitor is charged with constant current. When the voltage reaches VUD the reset
output RO is set High again.
The reset threshold is either the internal defined VRT voltage (typical 4.6 V) or can be
lowered by a voltage level at the RTh input down to 3.5 V. The reset delay time and the
reset reaction time are defined by the external capacitor CD. The reset function is active
down to VI = 1 V.
The device is capable to supply 150 mA. For protection at high input voltage above 25 V,
the output current is reduced (SOA protection).
2.5
Reset
The power on reset feature is necessary for a defined start of the microprocessor when
switching on the application. For the reset delay time after the output voltage of the
regulator is above the reset threshold, the reset signal is set High again. The reset delay
time is defined by the reset delay capacitor CD at pin RD (refer to figure 4 and 5).
The under-voltage reset circuitry supervises the output voltage. In case VQ decreases
below the reset threshold the reset output is set LOW after the reset reaction time. The
reset LOW signal is generated down to an output voltage VCC to 1 V. Both the reset
reaction time and the reset delay time is defined by the capacitor value.
The power on reset delay time is defined by the charging time of an external delay
capacitor CD.
CD = (td ´ ID) / DV
[1]
With
CD
reset delay capacitor
td
reset delay time
DV
=
VUD,
typical 1.8 V for power up reset
DV
=
VUD – VLD typical 1.35 V for undervoltage reset
ID
charge current typical 6.5
mA
For a delay capacitor CD =100 nF the typical power on reset delay time is 28 ms.
The reset reaction time tRR is the time it takes the voltage regulator to set reset output
LOW after the output voltage has dropped below the reset threshold. It is typically 1
ms
for delay capacitor of 100 nF. For other values for CD the reaction time can be estimated
using the following equation:
tRR = 10 ns / nF ´ CD
[2]
The reset output is an open collector output with a pull-up resistor of typical 20 k
W to Q.
An external pull-up can be added with a resistor value of at least 5.6 k
W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com