Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54BS16245 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT54BS16245
Description  UT54BS16245 16bit Bus Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS16245 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT54BS16245 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Symbol
Parameter
Condition
MIN
MAX
Unit
RONH
1,2
Resistance through
switch
VDD=4.5V
VI = VDD
IO = -30mA
IO = -15mA
10
13
Ω
VDD= 3.0V
VI = VDD
IO = -30mA
IO = -15mA
10
13
Ω
RON(Flat)
1,2
Switch On Resistance
VDD=3.0V,4.5V
VI = VDD
IO = -30mA
IO = -15mA
5
6
Ω
Notes:
*
For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation
performance is guaranteed at 25°C per MIL-STD-883 Method 1019, Condition A up to the
maximum TID level procured.
1. Measured by the voltage drop between the A and B terminals at the indicated current through
the switch. On-state resistance is determined by the lowest voltage of the two (A or B)
terminals.
2. Guaranteed by design.
36-00-03-005
Ver. 1.0.0
5
Aeroflex Microelectronic Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com