Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54BS16245 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54BS16245
Description  UT54BS16245 16bit Bus Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS16245 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54BS16245 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Standard Products
UT54BS16245 16bit Bus Switch
Preliminary Datasheet
February 2015
www.aeroflex.com/busswitch
FEATURES
□ Provides cold-sparing capability without the need
for actual cold-sparing multiplexer inputs
□ Bidirectional operation
□ 3.3V operating lower supply with typical 11Ω
switch connection between ports
□ 5V operating lower supply with typical 5Ω switch
connection between ports
□ Isolates non cold-spared devices from an active
bus
□ Ultra low power CMOS technology
□ ESD rating HBM: 2000V, Class 2
□ Operational environment:
- Total dose: 300 krad(Si)
- Latchup immune (LET <= 100 MeV-cm2/mg)
□ Packaging:
- 48-lead flatpack
□ Standard Microcircuit Drawing (SMD)
- QML Q and V pending
INTRODUCTION
The UT54BS16245 provides 16 bits of high-speed
CMOS-compatible bus switching in a standard
’16245 device pinout. The low on-state resistance of
the switch allows connections to be made with
minimal propagation delay. The device is organized
as two 8-bit low-impedance switches with separate
output-enable (/EN) inputs. When OE is low, the
switch is on, and data can flow from the A port to
the B port, or vice versa. When /EN is high, the
switch is open, and the high-impedance state exists
between the two ports.
APPLICATIONS INFORMATION
Memory Interface
-
Solution for multiple memory devices on a
bus
Bus Isolation
-
Ability to electrically isolate a device, or
banks of devices, from memory bus or
ADC output when not needed
-
Enables bank switching for redundancy or
device failure
-
Provides cold-sparing capability without
the need for actual cold-sparing buffers
Redundancy
-
llows multiple non cold-spare devices to be
present on a bus
Supports Analog Applications
-
In voltage range: 3.0 to 3.6V or 4.5 to 5.5V
-
Signal isolation: -60dB
-
Bandwidth (3dB): 500 MHz
1A8
1B8
/EN1
1A1
1B1
2A8
2B8
/EN2
2A1
2B1
Figure 1. UT54BS16245 Block Diagram
36-00-03-005
Ver. 1.0.0
1
Aeroflex Microelectronic Solutions - HiRel


Similar Part No. - UT54BS16245

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54BS16210 AEROFLEX-UT54BS16210 Datasheet
868Kb / 11P
UT54BS16210 20bit Bus Switch
UT54BS16210-UCA AEROFLEX-UT54BS16210-UCA Datasheet
868Kb / 11P
UT54BS16210 20bit Bus Switch
UT54BS16210-UCC AEROFLEX-UT54BS16210-UCC Datasheet
868Kb / 11P
UT54BS16210 20bit Bus Switch
UT54BS16210-UCX AEROFLEX-UT54BS16210-UCX Datasheet
868Kb / 11P
UT54BS16210 20bit Bus Switch
UT54BS16210-UPA AEROFLEX-UT54BS16210-UPA Datasheet
868Kb / 11P
UT54BS16210 20bit Bus Switch
More results

Similar Description - UT54BS16245

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93A46-W ROHM-BR93A46-W Datasheet
253Kb / 6P
Microwire BUS 1Kbit(64 x 16bit) EEPROM
BR93A56-W ROHM-BR93A56-W Datasheet
254Kb / 6P
Microwire BUS 2Kbit(128 x 16bit) EEPROM
BR93H56-W ROHM-BR93H56-W Datasheet
257Kb / 6P
Microwire Bus 2Kbit (128 x 16bit) EEPROM
BR93H66-W ROHM-BR93H66-W Datasheet
259Kb / 6P
Microwire BUS 4Kbit (256 x 16bit) EEPROM
BR93H76-W ROHM-BR93H76-W Datasheet
258Kb / 6P
Microwire BUS 8Kbit (512 x 16bit) EEPROM
BR93H86-W ROHM-BR93H86-W Datasheet
259Kb / 6P
Microwire BUS 16Kbit (1,024 x 16bit) EEPROM
BR93L46-W ROHM-BR93L46-W Datasheet
341Kb / 6P
Microwire BUS 1Kbit(64 x 16bit) EEPROM
BR93L66-W ROHM-BR93L66-W Datasheet
339Kb / 6P
Microwire BUS 4Kbit(256 x 16bit) EEPROM
BR93A76-W ROHM-BR93A76-W Datasheet
263Kb / 6P
Microwire BUS 8Kbit(512 X 16bit) EEPROM
logo
Texas Instruments
SN74S1052 TI1-SN74S1052_16 Datasheet
613Kb / 12P
16BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com