Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54BS16245 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT54BS16245
Description  UT54BS16245 16bit Bus Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS16245 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT54BS16245 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS16245 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
44
43
42
41
40
39
38
37
48
47
46
45
NC
1B5
1B6
VSS
1B7
1B8
VDD
1B4
1B3
VSS
1B2
1B1
/EN1
1A8
1A7
VSS
1A6
1A5
VDD
1A4
1A3
VSS
1A2
1A1
13
14
15
16
17
18
19
20
21
22
23
24
32
31
30
29
28
27
26
25
36
35
34
33
2B1
2B2
VSS
2B3
2B4
VDD
2B5
2B6
VSS
2B7
2B8
NC
2A1
2A2
VSS
2A3
2A4
VDD
2A8
2A7
VSS
2A6
2A5
/EN2
Figure 2. UT54BS16245 Pinout
PIN DESCRIPTION
Pin No.
Name
Description
26, 27, 29, 30, 32, 33,
35, 36, 37, 38, 40, 41,
43, 44, 46, 47
nAn
Port A pins
2, 3, 5, 6, 8, 9, 11, 12,
13, 14, 16, 17, 19, 20,
22, 23
nBn
Port B pins
25, 48
/ENn
Active LOW enable pin
4, 10, 15, 21, 28, 34,
39, 45
VSS
Ground Pin
7, 18, 31, 42
VDD
Supply Pin, +3.3V –or- +5.0V
1, 24
NC
No Connect
(electrically not connected to die)
36-00-03-005
Ver. 1.0.0
2
Aeroflex Microelectronic Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com