Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4318 Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES4318
Description  DVD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4318 Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES4318 Datasheet HTML 1Page - ESS Technology,Inc ES4318 Datasheet HTML 2Page - ESS Technology,Inc ES4318 Datasheet HTML 3Page - ESS Technology,Inc ES4318 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0377-052101
3
ES4318 PRODUCT BRIEF
TDMDX
25
O
TDM transmit data.
RSEL
I
ROM Select
TDMDR
28
I
TDM receive data.
TDMCLK
29
I
TDM clock input.
TDMFS
30
I
TDM frame synch.
TDMTSC#
31
O
TDM output enable, active low.
TWS
32
O
Audio transmit frame sync.
SEL_PLL1
I
Select PLL1.
TSD
33
O
Audio transmit serial data port.
SEL_PLL0
I
Select PLL0.
SEL_PLL2
36
Select PLL2. See the table for pin number 33.
MCLK
39
I/O
Audio master clock for audio DAC.
TBCK
40
I/O
Audio transmit bit clock.
SPDIF_DOBM
41
O
S/PDIF (IEC958) Format Output.
RSD
45
I
Audio receive serial data.
RWS
46
I
Audio receive frame synch.
RBCK
47
I
Audio receive bit clock.
APLLCAP
48
I
Analog PLL Capacitor.
XIN
49
I
Crystal input.
XOUT
50
O
Crystal output.
DMA[11:0]
66:61,58:53
O
DRAM address bus.
DCAS#
69
O
Column address strobe, active low.
DOE#
70
O
Output enable, active low.
DSCK_EN
I
Clock Enable, active low.
DWE#
71
O
DRAM write enable, active low.
DRAS[2:0]#
74:72
O
Row address strobe, active low.
DB[15:0]
96:93,90:85,82:77
I/O
DRAM data bus.
DCS[1:0]#
97,100
O
SDRAM chip select [1:0], active low.
DQM
101
O
Data input/output mask.
DSCK
102
O
Clock to SDRAM.
DCLK
105
I
Clock Input (27 MHz)
YUV[7:0]
115:113,110:106
O
8-bit YUV output.
PCLK2XSCN
116
I/O
2X pixel clock.
PCLKQSCN
117
I/O
Pixel clock.
VSYNCH#
118
I/O
Vertical sync for screen video interface, programmable for rising or falling edge, active low.
HSYNCH#
119
I/O
Horizontal sync for screen video interface, programmable for rising or falling edge, active low.
HD[15:0]
141:140,137:131,128:122
O
Host data bus
HCS1FX#
152
O
Host select 1.
HCS3FX#
153
O
Host select 3.
HIOCS16#
151
I
Device 16-bit data transfer.
HA[2:0]
158, 155:154
I/O
Host address bus.
VPP
159
I
Peripheral protection voltage.
HWR#/DCI_ACK#
149
I,I
Host write/DCI Interface Acknowledge Signal, active low.
HRD#/DCI_CLK
150
I,I
Host read/DCI Interface Clock.
HD[15:0]
141:140,137:131,128:122
I/O
Host data bus.
HWRQ#
142
O
Host write request.
HRDQ#
143
O
Host read request.
HIRQ
144
I/O
Host interrupt.
HRST#
145
O
Host reset.
HIORDY
146
I
Host I/O ready.
HWR#
149
O
Host write request.
AUX[7:0]
169:165,162:160
I/O
Auxiliary ports.
LOE#
170
O
Device output enable, active low.
LCS[3:0]#
176:173
O
Chip select [3:0], active low.
LD[15:0]
197:194, 191:185, 182:178
I/O
Device data bus.
LWRLL#
198
O
Device write enable, active low.
LWRHL#
199
O
Device write enable, active low.
NC
37,38,42,203:202
No connect.
Name
Number
I/O
Definition
RSEL
Selection
016-bit ROM
1
8-bit ROM
SEL_PLL2
SEL_PLL0
Clock Output
0
0
2.5 x DCLK
01
3 x DCLK
1
0
3.5 x DCLK
11
4 x DCLK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com