Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4318 Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES4318
Description  DVD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4318 Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES4318 Datasheet HTML 1Page - ESS Technology,Inc ES4318 Datasheet HTML 2Page - ESS Technology,Inc ES4318 Datasheet HTML 3Page - ESS Technology,Inc ES4318 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SAM0377-052101
ESS Technology, Inc.
ES4318 PRODUCT BRIEF
PINOUT
Figure 1 ES4318 Device Pinout
PIN DESCRIPTION
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
LCS1#
LOE#
LD0
VSS
LCS3#
LCS2#
AUX0
VCC
DB8
DB5
DB9
DCS0#
VCC
VCC
VSS
DQM
DSCK
VSS
DB15
DB13
DB11
DB1
VSS
DRAS2#
DRAS0#
DOE#/DSCK_EN
VCC
DMA9
DMA7
VSS
DMA5
DMA3
VCC
DCS1#
DB14
DB12
DB10
DB0
VCC
DRAS1#
DWE#
DCAS#
VSS
DMA8
DMA6
VCC
DMA4
DMA2
VSS
DB7
DB6
VSS
DB4
DB3
DB2
DMA11
DMA10
DMA1
DMA0
AUX7
AUX6
VCC
LD1
LD2
LA3
LD12
VCC
HA2
VPP
VCC
LD3
LD5
LD9
LD13
LWRHL#
NC
AUX1
AUX3
LD4
LD6
LD10
LD14
VSS
LA0
AUX2
AUX4
VCC
LD7
LD11
LD15
VCC
LA1
VSS
AUX5
VSS
LD8
VSS
LWRLL#
NC
LA2
VSS
VCC
LCS0#
VSS
208-Pin PQFP Package
ES4318
Name
Number
I/O
Definition
VCC
1, 9, 18, 27, 35, 44, 51, 59, 68, 75, 83, 92, 99, 104, 111,
121, 130, 139, 148, 157, 164, 172, 183, 193, 201
I
3.65 V ± 150 mv.
LA[21:0]
23:19,16:10,7:2,207:204
O
Device address output.
VSS
8,17,26,34,43,52,60,67,76,84,91,98,103,112,120,129,1
38,147,156,163,171,177,184,192,200,208
I
Ground.
RESET#
24
I
Reset input, active low.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com