Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES4318 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES4318
Description  DVD Processor Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4318 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES4318 Datasheet HTML 1Page - ESS Technology,Inc ES4318 Datasheet HTML 2Page - ESS Technology,Inc ES4318 Datasheet HTML 3Page - ESS Technology,Inc ES4318 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESS Technology, Inc.
SAM0377-052101
1
ES4318
DVD Processor
Product Brief
DESCRIPTION
The ES4318 Digital Video Disc (DVD) processor is a single-chip
solution for a DVD player that integrates MPEG video decoding,
DVD system navigation, Content Scrambling System (CSS), and
Dolby™ Digital (AC-3) and MPEG audio decoding. The fully
programmable ES4318 is based on a proprietary ESS
architecture. It offers the best feature set in comparison to any
currently existing DVD chip, and a glueless interface to various
peripheral components. The ES4318 is the most cost effective
solution in its class with an integration level and quality that set
new benchmarks.
The ES4318 processor is capable of decoding Dolby™ Digital
(AC-3) or DTS digital surround, simultaneously with MPEG-1 or
MPEG-2 video. For embedded applications, the ES4318’s
internal RISC processor can be used in place of a microcontroller
to provide all system control, DVD system navigation, CSS
decryption, and many other features. On-chip, multi-tap filters
provide arbitrary scaling with state of the art SmartScale™
technology
useful
for
video
standards
conversion.
SmartStream™ technology from ESS provides video error
concealment and video post-processing, leading to the highest
playability and video quality. Other features included in the
ES4318 are video letterbox display, DVD Sub-Picture overlay,
and On-Screen Display.
The ES4318 provides a glueless 8/16-bit parallel interface to
most DVD servo/loaders. It connects directly with 8/16-bit ROM
and 16-bit SDRAM/EDO. An 8-bit YUV video interface supports
many TV encoders. General purpose auxiliary pins are provided
to control various peripheral devices. A standard I2S interface
supports popular audio DACs and ADCs. The ES4318 also
features a direct S/PDIF output. A block diagram of a typical
stand-alone system using the ES4318 with the glueless SDRAM
interface appears below.
The DVD system stream from a DVD disc is passed to the
ES4318 through the 8-bit/16-bit parallel host interface. The
ES4318 parses the system layer and demultiplexes the audio
and video streams. Audio is decoded and passed through the I2S
audio serial bus to an external audio DAC and then to the
speakers. Video is decoded and output as YUV pixels to an
NTSC or PAL video encoder. System control and housekeeping
functions (keypad and remote control) are also provided on-chip.
FEATURES
• Single-chip DVD video decoder in a 208-pin PQFP package
• MPEG-1 system and MPEG-2 program streams parsing
supported
• Programmable multimedia processor architecture
• Compatible with Audio CD, VideoCD, VCD 3.0, and Super
VideoCD (SVCD)
• DVD Navigation 1
• Built-in Content Scrambling System (CSS) circuitry
Video
• Pan & Scan and Letter-Box conversions
• Trick modes include Slow, Fast Forward, Fast Reverse, Step,
and Goto
• Sub-Picture decoder supports karaoke/subtitling functions
• 4-bit On-Screen Display (OSD) with 4-bit blending
• 8-bit YUV component video output
Audio
• Built-in Karaoke key-shift function
• Dolby™ Digital 2-channel downmix audio output for Dolby™
• Dolby Pro Logic
• Linear PCM streams for 24 bit/96KHz
• Concurrent S/PDIF out and 2-channel audio output
• Sensaura Dolby Digital Virtual Suround
• DTS Digital Surround 2-channel downmix stereo output
• S/PDIF output for encoded AC-3, DTS Digital output or
Linear PCM
Peripheral
• Glueless interface to DVD loaders (ATAPI or A/V bus I/F)
• Bidirectional I2S audio interface
• Direct servo/loader interface
• 8 general-purpose auxiliary ports
• Single 27 MHz clock input
Smart Technology
• SmartZoom™ for motion zoom and pan
• SmartScale™ for NTSC to PAL conversion and vice versa
• SmartStream™ for video error concealment; supports
Microsoft Windows™ Sound System®
BLOCK DIAGRAM
ES4318
2MByte
SDRAM
DVD drive
EPROM
Panel
Interface
NTSC/PAL
Encoder
Audio
CODEC
TV
MIC
Speakers
Remote Control/
Keypad
Video
Audio


Similar Part No. - ES4318

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES4321A ETC-ES4321A Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
ES4321B ETC-ES4321B Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
ES4321C ETC-ES4321C Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - ES4318

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
ESS Technology,Inc
ES6168A ESS-ES6168A Datasheet
97Kb / 10P
Vibratto-S DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
Vibratto-S DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
Vibratto-II Automotive DVD Processor Product Brief
logo
ESS Technology,Inc
ES6128 ESS-ES6128 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
Vibratto-S Automotive DVD Processor Product Brief
ES8680 ESS-ES8680 Datasheet
94Kb / 2P
Phoenix LMX DVD Processor Product Brief
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com