Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MZPC Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MZPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MZPC Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  UT8SF2M32MZPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
NAME
DESCRIPTION
TYPE
ZZ
ZZ “Sleep” Input, Active HIGH: When HIGH, places the device in a non-
time critical “sleep” condition with data integrity preserved. During normal
operation, this pin must be LOW.
Input-Synchronous
SHUTDOWN
Shutdown Input, Active HIGH: When HIGH, places device in shutdown
mode. System clock can be stopped. Memory contents are not retained.
Input-Asynchronous
READY2
Device Ready Output: READY outputs a HIGH when device is available
for normal operations. READY outputs a LOW when requesting an idle
cycle or during power up initialization.
Output-Synchronous
MBE0
MBE1
MBEC
Multiple Bit Error Flags: When LOW data is valid, when HIGH data is
corrupt. Users can monitor either MBE0 and MBE1 or MBEC (combined).
Output-Synchronous
MODE3
Mode Input: Established at power up. Selects the burst order of the device.
When tied to VSS selects linear burst sequence. When tied to VDDQ selects
interleaved burst sequence.
Input-DC
EDACEN
EDAC Enable Input: EDAC is enabled when HIGH. When LOW, allows
for simple package pin disable of EDAC. Device pin internally connected
through a 75kΩ±10% resistor to VDDQ.
Input-DC
SCRUBEN
SCRUB Enable Input: Scrub mode is enabled when HIGH. When LOW,
scrub mode is externally disabled. Device pin internally connected through 1
75kΩ±10% resistor to VDDQ.
Input-DC
EXTRES3
Input Current Reference: Provided for external precision current reference
resister connection.
Input-DC
VDD
Power Supply Inputs to the Core of the Device.
Power Supply
VDDQ
Power Supply for the I/O Circuitry.
I/O Power Supply
VSS
Ground inputs to the core of the device.
Ground
VSSQ
Ground for I/O circuitry
I/O ground
Table 1: Pin Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com