Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MZPC Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MZPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MZPC Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
CAPACITANCE
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25oC per MIL-STD-883 Method 1019,
Condition A up to the maximum TID level procured.
1. Supplied as a design limit but not guaranteed nor tested.
2. Not more than one output may be shorted at a time for maximum duration of one second.
3. Post-irradiation limits are the 105oC limits when specified.
4. Measured only for initial qualification and after process or design changes that could affect this parameter.
ISHTDWNQ3
VDDQ Supply Current in
Shutdown Mode
VDD, VDDQ = (Max),
VIN > VIH or VIN < VIL,
SHUTDOWN > VIH
105oC
15
mA
-55oC and 25oC
15
mA
ISTBY3
VDD Supply Current in
Standby Mode
VDD, VDDQ = (Max)
VIN > VIH or VIN < VIL,
f = fmax, device
deselected
105oC
550
mA
-55oC and 25oC
400
mA
ISTBYQ3
VDDQ Supply Current in
Standby Mode
VDD, VDDQ = (Max)
VIN > VIH or VIN < VIL,
f = fmax, device
deselected
105oC
60
mA
-55oC and 25oC
60
mA
IZZ3
VDD Supply Current in
Sleep Mode
VDD, VDDQ = (Max),
VIN>VIH or VIN < VIL,
ZZ > VIH,
SHUTDOWN < VIL
105oC
500
mA
-55oC and 25oC
350
mA
IZZQ3
VDDQ Supply Current in
Sleep Mode
VDD, VDDQ = (Max),
VIN>VIH or VIN < VIL,
ZZ > VIH,
SHUTDOWN < VIL
105oC
55
mA
-55oC and 25oC
55
mA
SYMBOL
PARAMETER
MIN
MAX
UNIT
CIN4
Input Capacitance
15
pF
CI/O4
I/O Capacitance
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com