Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MZPC Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MZPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MZPC Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MZPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SF2M32MZPC Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
DEVICE OPERATION
The UT8SF2M32 is synchronous flow-thru SSRAM designed
specifically to eliminate wait states during Write/Read or Read/
Write transitions. All synchronous inputs are registered on the
rising edge of clock. The clock signal is enabled by the Clock
Enable input (CEN). When CEN is HIGH, the clock signal is
disregarded and all internal states are maintained. All
synchronous operations are qualified by CEN. Once power-up
requirements have been satisfied, the input clock may only be
stopped during sleep (ZZ is HIGH) or shutdown mode
(SHUTDOWN is HIGH). Maximum access delay from the
rising edge of clock (tCQV) is 11.5ns (80MHz device).
Access is initiated by asserting all three Chip Enables
(CS0, CS1, CS2) active at the rising edge of the clock with
Clock Enable (CEN) and ADV_LD asserted LOW. The
address presented to the device will be registered. Access can
be either a Read or Write operation, depending on the status of
the Write Enable (WE).
Write operations are initiated by the Write Enable (WE) input.
All write commands are controlled by built in synchronous
self-timed circuitry.
Three synchronous Chip Enables (CS0, CS1, CS2) and an
asynchronous Output Enable (OE) simplify memory depth
expansion. All operations (Reads, Writes, and Deselects) are
registered. ADV_LD must be driven LOW once the device has
been deselected in order to load a new address and command
for the next operation.
Single Read Accesses
A read access is initiated when the following device inputs are
present at rising clock edge: CEN is enabled LOW, CS0, CS1,
and CS2 are all enabled, the Write Enable input signal WE is
disabled HIGH and ADV_LD is asserted LOW. The addresses
present at the address inputs A[20:0] are registered and
presented to the memory. Data is available to the bus within
12ns provided OE is enabled LOW. After the first clock of the
read access, the output buffers are controlled by OE and the
internal control logic. OE must be enabled LOW to drive
requested data. During the next rising clock, any operation
(Read/Write/Deselect) may be initiated.
Burst Read Accesses
The UT8SF2M32 has an internal burst counter allowing up to
four reads to be performed from a single address input. A new
address can only be loaded when ADV_LD is driven LOW.
New addresses are loaded into the SSRAM, as described by
the Single Read Access section. The burst counter operates in
either linear or interleave and is controlled by the MODE input
at power up. When MODE pin is LOW, the burst sequence is
linear. The burst sequence is interleaved when MODE is
HIGH. A0 and A1 are controlled by the burst counter. Burst
counter will wrap around when needed. The burst counter
increments anytime ADV_LD is HIGH and CEN is LOW. The
operation selected by the state of WE is latched at the
beginning of the sequence and maintained throughout.
Read Access Error Detection and Correction
The UT8SF2M32 device features an embedded single error
correction double error detection (SECDED) Aeroflex
proprietary error correction scheme. Single bit errors are
corrected during read accesses. Data corrections, to the core
memory, occurs during a separate data scrubbing activities.
Double bit errors are detected and indicated by MBE0, MBE1
and MBEC. The MBE0 output is the multibit error indictor for
the 16 even DQs. The MBE1 output is the multibit error
indicator for 16 odd DQs. MBEC is the combined ORed result
of MBE0 and MBE1. Either MBEC or MBE0 and MBE1 can
be monitored to validate data. If all MBEx signals (MBEC,
MBE0, MBE1) remain LOW during a data output cycle, the
data is valid. If any of the MBE signal pins go active HIGH
during a read activity, the data is invalid and contains an
uncorrectable multibit error. Aeroflex recommends that all DQ
pins be connected to either VDDQ or VSSQ through pull up/
down resistors as DQ[51:0] must not be left floating. The
upper 20 I/O pins DQ[51:32] are used for error code data
storage, and need to be individually connected to soft pull ups
or downs (refer to Table 4 external connections). When the
EDAC is enabled via the EDACEN pin, the upper 20 data I/Os
are ignored during write operations and tri-stated during read
operations. When the EDAC is disabled, the upper 20 data I/
Os may be written and read the same as DQ[31:0].
Single Write Accesses
A write access is initiated when the following device inputs are
present at rising clock edge: CEN is enabled LOW, CS0, CS1,
and CS2 are all enabled, the Write Enable input signal WE,
ADV_LD, and FLSH_PIPE are asserted LOW. The addresses
present at the address inputs A[20:0] are registered and
presented to the memory core. Data I/Os are tri-stated after
tCQZ is satisfied regardless of the state of OE.
During a write operation, data is qualified by the FLSH_ PIPE
input. Input data at DQ[51:0] is registered when FLSH_PIPE
is LOW in conjunction with an active WE, but ignored when
FLSH_PIPE is HIGH with an active WE. In either state of
FLSH_PIPE, commands are shifted through the register
pipeline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com