Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M40MSFA Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT8SF2M40MSFA
Description  UT8SF2M40 80Megabit Flow-thru SSRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M40MSFA Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT8SF2M40MSFA Datasheet HTML 1Page - Aeroflex Circuit Technology UT8SF2M40MSFA Datasheet HTML 2Page - Aeroflex Circuit Technology UT8SF2M40MSFA Datasheet HTML 3Page - Aeroflex Circuit Technology UT8SF2M40MSFA Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SF2M40MSFA Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SF2M40MSFA Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M40MSFA Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M40MSFA Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M40MSFA Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
36-00-01-00
5
Ver. 1.0.0
Aeroflex Microelectronics Solutions - HiRel
FEATURES
 Synchronous SRAM organized as 2Meg words x 40bit
 Continuous Data Transfer (CDT) architecture eliminates
wait states between read and write operations
 Supports 40MHz to 80MHz bus operations
 Internally self-timed output buffer control eliminates the
need for synchronous output enable
 Registered inputs and outputs for flow-thru operation
 Single 2.5V to 3.3V supply
 Clock-to-output time
- Clk to Q = 12ns
 Clock Enable (CEN) pin to enable clock and suspend
operation
 Synchronous self-timed writes
 Three Chip Enables (CS0, CS1, CS2) for simple depth
expansion
 "ZZ" Sleep Mode option for partial power-down
 "SHUTDOWN" Mode option for deep power-down
 Four Word Burst Capability--linear or interleaved
 Operational Environment
- Total Dose: 100 krad(Si)
- SEL Immune:
≤ 100MeV-cm2/mg
- SEU error rate: 1.7x10-6 errors/bit-day
 Package options:
- 288-lead CLGA, CCGA, and CBGA
 Standard Microelectronics Drawing (SMD) 5962-TBD
- QMLQ and Q+ pending
INTRODUCTION
The UT8SF2M40 is a high performance 83,886,080-bit
synchronous static random access memory (SSRAM) device
that is organized as 2M words of 40 bits. This device is
equipped with three chip selects (CS0, CS1, and CS2), a write
enable (WE), and an output enable (OE) pin, allowing for
significant design flexibility without bus contention. The
device supports a four word burst function using (ADV_LD).
All synchronous inputs are registered on the rising edge of the
clock provided the Clock Enable (CEN) input is enabled LOW.
Operations are suspended when CEN is disabled HIGH and the
previous operation is extended. Write operation control signals
are WE and six byte write enables BWE[4:0]. All write
operations are performed by internal self-timed circuitry.
For easy bank selection, three synchronous Chip Enables
(CS0, CS1, CS2) and an asynchronous Output Enable (OE)
provide for output tri-state control. The output drivers are
synchronously tri-stated during the data portion of a write
sequence to avoid bus contention.
Standard Products
UT8SF2M40 80Megabit Flow-thru SSRAM
Preliminary Datasheet
www.aeroflex.com/memories
April 2015


Similar Part No. - UT8SF2M40MSFA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT8SF2M32 AEROFLEX-UT8SF2M32 Datasheet
354Kb / 27P
UT8SF2M32 64Megabit Flow-thru SSRAM
UT8SF2M32MCFA AEROFLEX-UT8SF2M32MCFA Datasheet
354Kb / 27P
UT8SF2M32 64Megabit Flow-thru SSRAM
UT8SF2M32MCFC AEROFLEX-UT8SF2M32MCFC Datasheet
354Kb / 27P
UT8SF2M32 64Megabit Flow-thru SSRAM
UT8SF2M32MCPA AEROFLEX-UT8SF2M32MCPA Datasheet
354Kb / 27P
UT8SF2M32 64Megabit Flow-thru SSRAM
UT8SF2M32MCPC AEROFLEX-UT8SF2M32MCPC Datasheet
354Kb / 27P
UT8SF2M32 64Megabit Flow-thru SSRAM
More results

Similar Description - UT8SF2M40MSFA

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
17574 VICOR-17574 Datasheet
69Kb / 1P
HTSNK. C X-FLOW, .9H LOW FLOW. THRU HOLE
18073 VICOR-18073 Datasheet
61Kb / 1P
HTSNK, B X-FLOW, .4H LOW FLOW THRU HOLE
18074 VICOR-18074 Datasheet
61Kb / 1P
HTSNK, C X-FLOW, .4H LOW FLOW THRU HOLE
logo
Austin Semiconductor
AS5SS128K36 AUSTIN-AS5SS128K36 Datasheet
144Kb / 16P
128K x 36 SSRAM SYNCHRONOUS ZBL SRAM FLOW-THRU OUTPUT
AS5SS256K18 AUSTIN-AS5SS256K18 Datasheet
217Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K18 AUSTIN-AS5SS256K18_05 Datasheet
141Kb / 13P
256K x 18 SSRAM Synchronous Burst SRAM, Flow-Through
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS512K36 AUSTIN-AS5SS512K36 Datasheet
753Kb / 15P
512K x 36 SSRAM Flow-Through SRAM No Bus Latency
logo
Aeroflex Circuit Techno...
UT8SF2M32 AEROFLEX-UT8SF2M32 Datasheet
354Kb / 27P
UT8SF2M32 64Megabit Flow-thru SSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com