Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F86 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F86
Description  2-Input Exclusive-OR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F86 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F86 Datasheet HTML 1Page - National Semiconductor (TI) 54F86 Datasheet HTML 2Page - National Semiconductor (TI) 54F86 Datasheet HTML 3Page - National Semiconductor (TI) 54F86 Datasheet HTML 4Page - National Semiconductor (TI) 54F86 Datasheet HTML 5Page - National Semiconductor (TI) 54F86 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9470
December 1994
54F74F86
2-Input Exclusive-OR Gate
General Description
This device contains four independent gates each of which
performs the logic exclusive-OR function
Commercial
Military
Package
Package Description
Number
74F86PC
N14A
14-Lead (0300 Wide) Molded Dual-in-Line
54F86DM (Note 2)
J14A
14-Lead Ceramic Dual-in-Line
74F86SC (Note 1)
M14A
14-Lead (0150 Wide) Molded Small Outline JEDEC
74F86SJ (Note 1)
M14D
14-Lead (0300 Wide) Molded Small Outline EIAJ
54F86FM (Note 2)
W14B
14-Lead Cerpack
54F86LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbol
IEEEIEC
TLF9470 – 3
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9470 – 2
Pin Assignment
for LCC
TLF9470 – 1
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
An Bn
Inputs
1010
20 mA b06 mA
On
Outputs
50333
b
1 mA20 mA
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 54F86

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F821 NSC-54F821 Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
54F821FM NSC-54F821FM Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
54F821LM NSC-54F821LM Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
10-Bit D-Type Flip-Flop
54F823 NSC-54F823 Datasheet
158Kb / 8P
9-Bit D-Type Flip-Flop
More results

Similar Description - 54F86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
2-input EXCLUSIVE-OR gate
1998 Aug 05
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
2-input Exclusive-OR Gate
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Fairchild Semiconductor
74F86 FAIRCHILD-74F86_03 Datasheet
64Kb / 5P
2-Input Exclusive-OR Gate
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
2-input Exclusive-OR Gate
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
2-input EXCLUSIVE-OR gate
74LVC1G86-Q100 NEXPERIA-74LVC1G86-Q100 Datasheet
183Kb / 13P
2-input EXCLUSIVE-OR gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com