Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8660 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # VRG8660
Description  Adjustable Regulator Positive Voltage Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8660 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  VRG8660 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SCD8660 Rev F 4/12/12
Aeroflex Plainview
The maximum Power dissipation is limited by the thermal shutdown function of the regulator chip in the VRG8660.
The graph above represents the achievable power before the chip shuts down. The line in the graph represents the
maximum power dissipation of the VRG8660 This graph is based on the maximum junction temperature of 150°C
and a thermal resistance (
JC) of 3°C/W.
60
50
40
30
20
10
0
20
40
60
80
100
120
140
Case Temperature (°C)
0
Maximum Power
Dissipation
(Watts)
FIGURE 2 – MAXIMUM POWER vs CASE TEMPERATURE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com