Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8660 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # VRG8660
Description  Adjustable Regulator Positive Voltage Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8660 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  VRG8660 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SCD8660 Rev F 4/12/12
Aeroflex Plainview
VRG8660
VIN
VOUT
ADJ
R1
R2
Adjustable Regulator
IADJ = 50µA
VREF = 1.25V,
VOUT = VREF (1+R2/R1) + (IADJ x R2)
2
1
3
FIGURE 4 - TYPICAL CURRENT LIMIT
FIGURE 3 - TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com