Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRG8660 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # VRG8660
Description  Adjustable Regulator Positive Voltage Radiation Tolerant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

VRG8660 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  VRG8660 Datasheet HTML 1Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 2Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 3Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 4Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 5Page - Aeroflex Circuit Technology VRG8660 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SCD8660 Rev F 4/12/12
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RANGE
UNITS
Lead temperature (soldering 10 Sec)DC
300
°C
Input-Output Voltage Differential
40
VDC
ESD
1.999 1/
KV
Operating Junction Temperature Range
-55 to +150
°C
Storage Temperature Range
-65 to +150
°C
1/ Meets ESD testing per MIL-STD-883, method 3015, Class 1C.
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress rating only;
functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions"
may effect device reliability.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
RANGE
UNITS
Output Voltage Range
1.25 to 37
VDC
Case Operating Temperature Range
-55 to +125
°C
ELECTRICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified -55°C < TC < +125°C & (VIN-VOUT) = 5V, IOUT = 0.5A
PARAMETER
SYM
CONDITIONS (P
PMAX)
MIN
MAX
UNITS
Reference Voltage 1/ 5/
VREF
3V < (VIN - VOUT) < VDIFF MAX, 10mA < IOUT < IMAX
1.20
1.30
V
Line Regulation 1/ 2/3V < (VIN - VOUT) < VDIFF MAX,
IOUT = 10mA
-0.06
%/V
Load Regulation 1/ 2/10mA < IOUT < IMAX, VOUT < 5V
-
60
mV
10mA < IOUT < IMAX, VOUT > 5V
-
1.2
%
Thermal Regulation
-
IOUT = 1.5A, (VIN - VOUT) = 13.3V,
20ms Pulse, 20W, TC = +25°C
-
0.07
%/W
Ripple Rejection Ratio
-
VOUT = 10V, f = 120Hz, CADJ = 10µF
66
-
dB
Adjustment Pin Current 1/
IADJ
-
-
100
µA
Adjustment Pin Current
Change 1/
IADJ
10mA < IOUT < IMAX
-5
µA
3V < (VIN - VOUT) < 40V,
Minimum Load Current 1/ 3/
IMIN
(VIN - VOUT) = 40V
-
5
mA
Current Limit 1/ 4/
IMAX
(VIN - VOUT) < 15V
1.50
-
A
(VIN - VOUT) = 40V, TC = +25°C
0.30
-
Long Term Stability 3/
TA = +125°C
-
1
%
Thermal Resistance
(Junction to Case) 3/
JC
-
-3
°C/W
Notes:
1/ Specification derated to reflect Total Dose exposure to 100Krad (Si) @ +25°C.
2/ Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating
effects are covered under the specification for thermal regulation. Measurements taken at the output lead must be adjusted for lead resistance.
3/ Not tested. Shall be guaranteed to the specified limits.
4/ Pulsed at <10% duty cycle @ 25°C.
5/ Testing over 12 watts is not performed over + 25°C.
VOUT
VIN
VOUT
IOUT
VOUT
TIME



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com