Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PC Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 23Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 24Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 25Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 26Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 27Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 28Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 29Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 30Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 126 page
background image
27
AT90S/LS4433
1042H–AVR–04/03
Note that the Status Register is not automatically stored when entering an interrupt rou-
tine or restored when returning from an interrupt routine. This must be handled by
software.
General Interrupt Mask
Register – GIMSK
• Bit 7 – INT1: External Interrupt Request 1 Enable
When the INT1 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
the external pin interrupt is enabled. The Interrupt Sense Control1 bits 1/0 (ISC11 and
ISC10) in the MCU General Control Register (MCUCR) defines whether the External
Interrupt is activated on rising or falling edge of the INT1 pin or is level sensed. Please
note that INTF1 Flag is not set when the level-sensitive interrupt condition is met. How-
ever, INT1 interrupt is generated, provided that INT1 mask bit is set in GIMSK Register.
Activity on the pin will cause an interrupt request even if INT1 is configured as an output.
The corresponding interrupt of External Interrupt Request 1 is executed from program
memory address $002. See also “External Interrupts”.
• Bit 6 – INT0: External Interrupt Request 0 Enable
When the INT0 bit is set (one) and the I-bit in the Status Register (SREG) is set (one),
the external pin interrupt is enabled. The Interrupt Sense Control0 bits 1/0 (ISC01 and
ISC00) in the MCU General Control Register (MCUCR) defines whether the External
Interrupt is activated on rising or falling edge of the INT0 pin or is level sensed. Please
note that INTF0 Flag is not set when the level-sensitive interrupt condition is met. How-
ever, INT0 interrupt is generated, provided that INT0 mask bit is set in GIMSK Register.
Activity on the pin will cause an interrupt request even if INT0 is configured as an output.
The corresponding interrupt of External Interrupt Request 0 is executed from program
memory address $001. See also “External Interrupts”.
• Bits 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433 and always read as zero.
General Interrupt Flag
Register – GIFR
• Bit 7 – INTF1: External Interrupt Flag1
When an edge on the INT1 pin triggers an interrupt request, the corresponding interrupt
flag, INTF1 becomes set (one). If the I-bit in SREG and the corresponding interrupt
enable bit, INT1 in GIMSK, is set (one), the MCU will jump to the Interrupt Vector. The
flag is always cleared when the interrupt routine is executed. Alternatively, the flag is
cleared by writing a logical “1” to it. This flag is always cleared when INT1 is configured
as level interrupt.
Bit
7
6
5
4
3
2
1
0
$3B ($5B)
INT1
INT0
–
–
–
–
–
–
GIMSK
Read/Write
R/W
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$3A ($5A)
INTF1
INTF0
–
–
–
–
–
–
GIFR
Read/Write
R/W
R/W
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com